Electronic Components Datasheet Search
  English  ▼

X  

CRA Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CRA
Description  Personal Computer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CRA Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CRA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
CAPACITOR/RESISTOR NETWORKS
CRA-CRF Series
(Single-in-Line, Low Profile)
APPLICATIONS
•
Personal Computer
•
Floppy Disk Drives
•
OA Machine
•
V.T.R
•
Sequential machine
•
TTL, CMOS, NMOS
, RMOS Interface circuits
SPECIFICATIONS
Resistor
Capacitor
Rated Power
0.125W / Resistor
Max. Operating Voltage
100V
DC 25
to 100V
Range
10
to 1M
10
pF to 0.1μF
Tolerance
±1%, ±2%, ±5%
±5%
to +80 / -20%
Temperature Coefficient
±100ppm /
oC
±30
to +350 / -100ppm/
oC
Operating Temp. Range
-55
oC to +125oC
PART NUMBERING SYSTEM
CRA
10
102
M
103
J
88
N
umber of Pins
Capacit
ance Value
Capacitance Tolerance
Resistance Value
Resistance Tolerance
Manufacturer Design Code
MARKING
CRA
10
88
Pin No. 1
Indicator
Type d
Circuits
No. of Pin
Manufacturer
Design Code
Capacitance expressed in
pF. First two digits are significant figures. Third digit denotes
number of zeros. EX. 101:100pF 223:22000pF or .022μF 104:100000pF or 0.1μF
5% - The first two digits are significant figures of resistance value and the third denotes the number of zeros
following
. 1% & 2% - The first three digits are significant figures of resistance value and the fourth denotes the number of zeros following.
Specifications are subject to change without notice.
rev.6


Similar Part No. - CRA

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CRA-CRF MERITEK-CRA-CRF Datasheet
281Kb / 1P
CAPACITOR/RESISTOR NETWORKS
logo
UNIOHM CORPORATION
CRA024R UNIOHM-CRA024R Datasheet
1Mb / 2P
Thick Film Chip Resistors Arrays (Convex)
logo
Vishay Siliconix
CRA04P VISHAY-CRA04P Datasheet
107Kb / 4P
Thick Film, Resistor Array
09-Jan-07
CRA04P VISHAY-CRA04P Datasheet
89Kb / 4P
Thick Film Chip Resistor Array
24-Jun-13
CRA04P VISHAY-CRA04P Datasheet
93Kb / 4P
Thick Film Chip Resistor Array
24-Jun-13
More results

Similar Description - CRA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC835 TELCOM-TC835 Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
logo
Microchip Technology
TC835 MICROCHIP-TC835 Datasheet
543Kb / 24P
Personal Computer Data Acquisition A/D Converter
2002
logo
Dallas Semiconductor
DS1640 DALLAS-DS1640 Datasheet
84Kb / 4P
Personal Computer Power FET
logo
Freescale Semiconductor...
MPC821 FREESCALE-MPC821 Datasheet
975Kb / 12P
PowerPC Personal Syetems Microprocessor
MC908MR16CFUE FREESCALE-MC908MR16CFUE Datasheet
1Mb / 282P
On-chip programming firmware for use with host personal computer, Clock generator module (CGM)
logo
Extech Instruments Corp...
SL355 EXTECH-SL355 Datasheet
460Kb / 1P
Personal Noise Dosimeter
logo
MERITEK ELECTRONICS COR...
CN MERITEK-CN Datasheet
210Kb / 1P
Personal Computer
logo
Abracon Corporation
APAMP-110 ABRACON-APAMP-110 Datasheet
2Mb / 3P
Personal Tracking
10.27.14
logo
Dialog Semiconductor
SLG46120 DIALOG-SLG46120 Datasheet
878Kb / 92P
Personal Computers and Servers
logo
Maxim Integrated Produc...
DS1640 MAXIM-DS1640 Datasheet
79Kb / 4P
Personal Computer Power FET
111999
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com