Electronic Components Datasheet Search
  English  ▼

X  

DT Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # DT
Description  Radial Leaded Tantalum Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

DT Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  DT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION DT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
Rev. 7
 
Radial Leaded Tantalum
Capacitors
MERITEK
DT Series
DIMENSIONS
Case Size
D (MAX)
H (MAX)
L (±1)
d (±0.05)
A
4.0
6.0
14
0.5
B
4.8
7.2
14
0.5
C
5.5
8.0
14
0.5
D
6.0
9.4
14
0.5
E
7.2
11.5
14
0.5
F
8.2
12.5
14
0.5
Capacitance
(
μF)
CODE
Rated Voltage (V)
4
6.3
10
16
25(20)
35
50
0.1
104
A
A
0.15
154
A
A
0.22
224
A
A
0.33
334
A
A
0.47
474
A
A
0.68
684
A
A
1
105
A
A
A
B
1.5
155
A
A
A
C
2.2
225
A
A
A
B
C
3.3
335
A
A
A
B
B
D
4.7
475
A
A
A
B
B
C
D
6.8
685
A
A
B
B
C
D
E
10
106
A
B
B
B
C
D
E
15
156
A
B
C
C
D
E
F
22
226
B
C
C
C
D
E
F
33
336
B
C
D
D
E
F
47
476
C
D
D
D
E
F
68
686
D
D
D
E
F
100
107
D
E
E
E
F
150
157
E
E
E
F
220
227
E
E
F
F
330
337
F
F
Symbol
Dimensions
(mm)
P
12.7±1.0
P0
12.7±0.3
W
18
+1
-0.5
W0
5min
H2
9
+0.75
-0.5
W2
0
+1
-0
H1
32.5max
D
4.0±0.2
T
0.5±0.2
∆h
0±2.0
H
16±0.5
S
2.5±0.5
5.0±0.7
P1
5.10±0.5
3.85±0.7
P2
6.35±0.4
∆P
±1.3max



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com