Electronic Components Datasheet Search
  English  ▼

X  

GP4063D Datasheet(PDF) 6 Page - International Rectifier

Part # GP4063D
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GP4063D Datasheet(HTML) 6 Page - International Rectifier

Back Button GP4063D Datasheet HTML 2Page - International Rectifier GP4063D Datasheet HTML 3Page - International Rectifier GP4063D Datasheet HTML 4Page - International Rectifier GP4063D Datasheet HTML 5Page - International Rectifier GP4063D Datasheet HTML 6Page - International Rectifier GP4063D Datasheet HTML 7Page - International Rectifier GP4063D Datasheet HTML 8Page - International Rectifier GP4063D Datasheet HTML 9Page - International Rectifier GP4063D Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 www.irf.com
© 2013 International Rectifier
March 15, 2013
IRGP4063DPbF/IRGP4063D-EPbF
Fig. 19 - Typ. Diode IRR vs. diF/dt
VCC = 400V; VGE = 15V; IF = 48A; TJ = 175°C
Fig. 20 - Typ. Diode QRR vs. diF/dt
VCC = 400V; VGE = 15V; TJ = 175°C
Fig. 23 - Typ. Capacitance vs. VCE
VGE= 0V; f = 1MHz
Fig. 24 - Typical Gate Charge vs. VGE
ICE = 48A; L = 600μH
Fig. 21 - Typ. Diode ERR vs. IF
TJ = 175°C
Fig. 22 - VGE vs. Short Circuit Time
VCC = 400V; TC = 25°C
0
200
400
600
800
1000
diF /dt (A/μs)
10
15
20
25
30
35
40
45
0
20
40
60
80
100
IF (A)
0
100
200
300
400
500
600
700
800
900
RG = 10Ω
RG = 22Ω
RG = 47Ω
RG = 100Ω
8
10121416
18
VGE (V)
4
6
8
10
12
14
16
18
50
100
150
200
250
300
350
400
0
20
40
60
80
100
VCE (V)
10
100
1000
10000
Cies
Coes
Cres
0
255075
100
Q G, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
16
VCES= 300V
VCES= 400V
0
500
1000
1500
diF /dt (A/μs)
1000
1500
2000
2500
3000
3500
4000
10Ω
22Ω
100Ω
47Ω
48A
24A
96A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com