Electronic Components Datasheet Search
  English  ▼

X  

IRGP4066DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP4066DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4066DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP4066DPBF Datasheet HTML 1Page - International Rectifier IRGP4066DPBF Datasheet HTML 2Page - International Rectifier IRGP4066DPBF Datasheet HTML 3Page - International Rectifier IRGP4066DPBF Datasheet HTML 4Page - International Rectifier IRGP4066DPBF Datasheet HTML 5Page - International Rectifier IRGP4066DPBF Datasheet HTML 6Page - International Rectifier IRGP4066DPBF Datasheet HTML 7Page - International Rectifier IRGP4066DPBF Datasheet HTML 8Page - International Rectifier IRGP4066DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRGP4066DPbF/IRGP4066D-EPbF
2
www.irf.com
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 10μH, RG = 10Ω.
‚ Pulse width limited by max. junction temperature.
ƒ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
„ Rθ is measured at T
J of approximately 90°C.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 100μA e
ΔV(BR)CES/ΔTJ
Temperature Coeff. of Breakdown Voltage
—0.30—
V/°C VGE = 0V, IC = 2.0mA (25°C-175°C)
—
1.70
2.10
IC = 75A, VGE = 15V, TJ = 25°C d
VCE(on)
Collector-to-Emitter Saturation Voltage
—
2.0
—
V
IC = 75A, VGE = 15V, TJ = 150°C
d
—2.1
—
IC = 75A, VGE = 15V, TJ = 175°C d
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 2.1mA
ΔVGE(th)/ΔTJ
Threshold Voltage temp. coefficient
—
-21
—
mV/°C VCE = VGE, IC = 2.1mA (25°C - 175°C)
gfe
Forward Transconductance
—
50
—
S
VCE = 50V, IC = 75A, PW = 60μs
ICES
Collector-to-Emitter Leakage Current
—
1.0
100
μA
VGE = 0V, VCE = 600V
—
1040
—
VGE = 0V, VCE = 600V, TJ = 175°C
VFM
Diode Forward Voltage Drop
—
2.23
3.0
V
IF = 75A
—1.8
—
IF = 75A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±200
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Qg
Total Gate Charge (turn-on)
—
150
225
IC = 75A
Qge
Gate-to-Emitter Charge (turn-on)
—
40
60
nC
VGE = 15V
Qgc
Gate-to-Collector Charge (turn-on)
—
60
90
VCC = 400V
Eon
Turn-On Switching Loss
—
2465
3360
IC = 75A, VCC = 400V, VGE = 15V
Eoff
Turn-Off Switching Loss
—
2155
3040
μJ
RG = 10
Ω, L = 200μH, TJ = 25°C
Etotal
Total Switching Loss
—
4620
6400
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
—
50
70
IC = 75A, VCC = 400V, VGE = 15V
tr
Rise time
—
70
90
ns
RG = 10
Ω, L = 200μH, TJ = 25°C
td(off)
Turn-Off delay time
—
200
225
tf
Fall time
—
60
80
Eon
Turn-On Switching Loss
—
3870
—
IC = 75A, VCC = 400V, VGE=15V
Eoff
Turn-Off Switching Loss
—
2815
—
μJ
RG=10
Ω, L=200μH, TJ = 175°C
Etotal
Total Switching Loss
—
6685
—
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
—
50
—
IC = 75A, VCC = 400V, VGE = 15V
tr
Rise time
—
70
—
ns
RG = 10
Ω, L = 200μH
td(off)
Turn-Off delay time
—
240
—
TJ = 175°C
tf
Fall time
—
70
—
Cies
Input Capacitance
—
4440
—
pF
VGE = 0V
Coes
Output Capacitance
—
245
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
130
—
f = 1.0Mhz
TJ = 175°C, IC = 300A
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp ” 600V
Rg = 10
Ω, VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
5
—
—
μs
VCC = 400V, Vp ”Ã600V
Rg = 10
Ω, VGE = +15V to 0V
Erec
Reverse Recovery Energy of the Diode
—
470
—
μJ
TJ = 175°C
trr
Diode Reverse Recovery Time
—
155
—
ns
VCC = 400V, IF = 75A
Irr
Peak Reverse Recovery Current
—
27
—
A
VGE = 15V, Rg = 10
Ω, L = 60μH
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com