Electronic Components Datasheet Search
  English  ▼

X  

MAX108 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX108
Description  `짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX108 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX108 Datasheet HTML 1Page - Maxim Integrated Products MAX108 Datasheet HTML 2Page - Maxim Integrated Products MAX108 Datasheet HTML 3Page - Maxim Integrated Products MAX108 Datasheet HTML 4Page - Maxim Integrated Products MAX108 Datasheet HTML 5Page - Maxim Integrated Products MAX108 Datasheet HTML 6Page - Maxim Integrated Products MAX108 Datasheet HTML 7Page - Maxim Integrated Products MAX108 Datasheet HTML 8Page - Maxim Integrated Products MAX108 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
±5V, 1.5Gsps, 8-Bit ADC with
On-Chip 2.2GHz Track/Hold Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCCA to GNDA .........................................................-0.3V to +6V
VCCD to GNDD.........................................................-0.3V to +6V
VCCI to GNDI ............................................................-0.3V to +6V
VCCO to GNDD ........................................-0.3V to (VCCD + 0.3V)
AUXEN1, AUXEN2 to GND .....................-0.3V to (VCCD + 0.3V)
VEE to GNDI..............................................................-6V to +0.3V
Between GNDs......................................................-0.3V to +0.3V
VCCA to VCCD .......................................................-0.3V to +0.3V
VCCA to VCCI.........................................................-0.3V to +0.3V
PECL Digital Output Current ...............................................50mA
REFIN to GNDR ........................................-0.3V to (VCCI + 0.3V)
REFOUT Current ................................................+100µA to -5mA
ICONST, IPTAT to GNDI .......................................-0.3V to +1.0V
TTL/CMOS Control Inputs
(DEMUXEN, DIVSELECT) ......................-0.3V to (VCCD + 0.3V)
RSTIN+, RSTIN- ......................................-0.3V to (VCCO + 0.3V)
VOSADJ Adjust Input ................................-0.3V to (VCCI + 0.3V)
CLK+ to CLK- Voltage Difference..........................................±3V
CLK+, CLK-.....................................(VEE - 0.3V) to (GNDD + 1V)
CLKCOM.........................................(VEE - 0.3V) to (GNDD + 1V)
VIN+ to VIN- Voltage Difference ............................................±2V
VIN+, VIN- to GNDI................................................................±2V
Continuous Power Dissipation (TA = +70°C)
192-Contact ESBGA (derate 61mW/°C above +70°C) ....4.88W
(with heatsink and 200 LFM airflow,
derate 106mW/°C above +70°C) .....................................8.48W
Operating Temperature Range
MAX108CHC.........................................................0°C to +70°C
Operating Junction Temperature.....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
DC ELECTRICAL CHARACTERISTICS
(VCCA = VCCI = VCCD = +5.0V ±5%, VEE = -5.0V ±5%, VCCO = +3.0V to VCCD, REFIN connected to REFOUT, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Missing Codes
None
Codes
Differential Nonlinearity (Note 1)
DNL
-0.5
±0.25
0.5
LSB
Full-Scale Input Range
VFSR
475
500
525
mVp-p
Common-Mode Input Range
VCM
±0.8
V
Input Resistance
RIN
49
50
51
Ω
Input Resistance Temperature
Coefficient
TCR
150
ppm/°C
Resolution
RES
8
Bits
Integral Nonlinearity (Note 1)
INL
-0.5
±0.25
0.5
LSB
Input Resistance (Note 2)
RVOS
14
25
k
Ω
Input VOS Adjust Range
±4
±5.5
LSB
Reference Output Voltage
REFOUT
2.475
2.50
2.525
V
Reference Output Load
Regulation
∆REFOUT
5
mV
Reference Input Resistance
RREF
45
k
Ω
CONDITIONS
No missing codes guaranteed
TA = +25°C
Note 1
Signal + offset w.r.t. GNDI
VOSADJ = 0 to 2.5V
VIN+ and VIN- to GNDI, TA = +25°C
Driving REFIN input only
0 < ISOURCE < 2.5mA
Referenced to GNDR
TA = +25°C
ACCURACY
ANALOG INPUTS
VOS ADJUST CONTROL INPUT
REFERENCE INPUT AND OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com