Electronic Components Datasheet Search
  English  ▼

X  

GP4068P Datasheet(PDF) 4 Page - International Rectifier

Part # GP4068P
Description  Low Switching Losses
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GP4068P Datasheet(HTML) 4 Page - International Rectifier

  GP4068P Datasheet HTML 1Page - International Rectifier GP4068P Datasheet HTML 2Page - International Rectifier GP4068P Datasheet HTML 3Page - International Rectifier GP4068P Datasheet HTML 4Page - International Rectifier GP4068P Datasheet HTML 5Page - International Rectifier GP4068P Datasheet HTML 6Page - International Rectifier GP4068P Datasheet HTML 7Page - International Rectifier GP4068P Datasheet HTML 8Page - International Rectifier GP4068P Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRGP4068DPbF/IRGP4068D-EPbF
4
www.irf.com
Fig. 7 - Typ. Diode Forward Voltage Drop
Characteristics
Fig. 8 - Typical VCE vs. VGE
TJ = -40°C
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 24A
ICE = 48A
ICE = 96A
Fig. 9 - Typical VCE vs. VGE
TJ = 25°C
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 24A
ICE = 48A
ICE = 96A
Fig. 10 - Typical VCE vs. VGE
TJ = 175°C
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 24A
ICE = 48A
ICE = 96A
Fig. 11 - Typ. Transfer Characteristics
VCE = 50V; tp = 10μs
0
5
10
15
VGE (V)
0
20
40
60
80
100
120
140
160
180
200
TJ = 25°C
TJ = 175°C
Fig. 12 - Typ. Energy Loss vs. IC
TJ = 175°C; L = 200μH; VCE = 400V, RG = 10Ω; VGE = 15V
0
255075
100
IC (A)
0
1000
2000
3000
4000
5000
6000
EOFF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com