Electronic Components Datasheet Search
  English  ▼

X  

IRGP4262DPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGP4262DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4262DPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGP4262DPBF Datasheet HTML 2Page - International Rectifier IRGP4262DPBF Datasheet HTML 3Page - International Rectifier IRGP4262DPBF Datasheet HTML 4Page - International Rectifier IRGP4262DPBF Datasheet HTML 5Page - International Rectifier IRGP4262DPBF Datasheet HTML 6Page - International Rectifier IRGP4262DPBF Datasheet HTML 7Page - International Rectifier IRGP4262DPBF Datasheet HTML 8Page - International Rectifier IRGP4262DPBF Datasheet HTML 9Page - International Rectifier IRGP4262DPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRGP4262DPbF/IRGP4262D-EPbF
6
www.irf.com
© 2013 International Rectifier
June 12, 2013
0
200
400
600
800
1000
diF /dt (A/µs)
1.0
1.5
2.0
2.5
22
47
10
100
12A
24A
48A
8
1012
1416
18
VGE (V)
3
6
9
12
15
18
21
20
40
60
80
100
120
140
Tsc
Isc
Fig. 21
- Typ. Diode QRR vs. diF/dt
VCC = 400V; VGE = 15V; TJ = 175°C
0
10
20
30
40
50
IF (A)
0
100
200
300
400
RG = 22
RG = 47
RG = 100
RG = 10
Fig. 22
- Typ. Diode ERR vs. IF
TJ = 175°C
0
200
400
600
800
1000
diF /dt (A/µs)
10
11
12
13
14
15
16
17
Fig. 20
- Typ. Diode IRR vs. diF/dt
VCC = 400V; VGE = 15V; IF = 24A; TJ = 175°C
Fig. 23
- VGE vs. Short Circuit Time
VCC = 400V; TC = 150°C
10
15
20
25
30
35
40
45
50
IF (A)
10
11
12
13
14
15
16
17
RG = 47
RG = 22
RG = 100
RG = 10
Fig. 18
- Typ. Diode IRR vs. IF
TJ = 175°C
0
20
40
60
80
100
RG (
10
11
12
13
14
15
16
17
Fig. 19
- Typ. Diode IRR vs. RG
TJ = 175°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com