Electronic Components Datasheet Search
  English  ▼

X  

MNTS Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # MNTS
Description  Multilayer structure allows diverse resistance values in the same B constant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MNTS Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  MNTS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MNTS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev. 7
ELECTRICAL CHARACTERISTICS (Cont.)
SIZE: 05 (0805)
Part Number
Resistance
(
25℃)
(
Ω)
B-constant
(
25-85℃)
(
K)
Maximum Power
Rating(25℃)
(
mW)
Thermal Dissipation
Constant
(
mW/℃)
Operating Temp.
Range
(℃)
MNTS05472□3435□
4,700
3435
MNTS05502□3435□
5,000
3435
MNTS05103□3435□
10,000
3435
MNTS05103□3550□
10,000
3550
MNTS05103□3970□
10,000
3970
MNTS05223□3900□
22,000
3900
MNTS05303□3700□
30,000
3700
MNTS05303□3900□
30,000
3900
MNTS05473□4000□
47,000
4000
MNTS05503□4000□
50,000
4000
MNTS05683□4000□
68,000
4000
MNTS05104□4000□
100,000
4000
MNTS05104□4300□
100,000
4300
MNTS05204□3950□
200,000
3950
MNTS05204□4100□
200,000
4100
MNTS05334□4100□
330,000
4100
400
4
-40 ~ 125
Remark:1. Maximum Power Rating = Thermal Dissipation Constant × (125℃- 25℃)
□ Please inquire to our sales for other specifications.
SIZE: 06 (1206)
Product specification will be available upon request.
MNTS Series
NTC Thermistor
(SMD)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com