Electronic Components Datasheet Search
  English  ▼

X  

MOC Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MOC
Description  Applications: Wired Network, Automotive, Mobile Communication, WiMAX, WLAN, Mobile
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MOC Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MOC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
Rev. 7
 
Oscillators
MERITEK
MOC / MOP Series
FEATURE
Applications: Wired Network, Automotive, Mobile Communication, WiMAX, WLAN, Mobile
Communications…etc.
Wide Selections of Product Lines
PART NUMBERING SYSTEM
MOC
106.25M
7
B
G
C
I
Meritek Series
Series
MOC
MOP
Description
Oscillator
Programmable Oscillator
Frequency in MHz
Size / Package (mm)
Code
1
2
3
4
5
6
7
Size
1.0*1.6
2.0*2.5
3.2*2.5
4.0*2.5
5.0*3.2
Ultra-Thin Ceramic SMD
6.0*3.5
7.0*5.0
Code
8
H
F
P
Q
X
7
Size
8.0*4.5
Half Size (DIP)
Full Size (DIP)
PECL 7.5*5.0
PECL Multiple 7.0*5.0 3.2*2.5 (MOP Series) 7.0*5.0 (MOP Series)
Voltage / Pin
Code
A
B
C
D
E
F
G
H
I
CL
5V
3.3V
2.5V
1.8V
2.4~2.7V
2.8V
3V
1.5~5.5
0.9~3.6
Frequency Stability (ppm)
Code
8
9
A
B
C
D
E
F
G
H
I
J
K
N
Tol.
±8
±9
±10
±12
±15
±16
±18
±20
±25
±30
±40
±50
±100
Non Standard
Output
Code
A
B
C
D
K
L
P
T
U
W
ppm
10TTL 15pF 50±5%
10TTL 15pF 50±10%
CMOS 15pF 50±5%
CMOS 50pF 50±5%
CMOS 15pF 50±10%
LVDS 50pF 50±5%
PECL 50pF 50±5%
TTL
TTL 50pF
Clipped Sine Wave
Operating Temperature Range (°C)
Code
L
B
D
A
J
C
E
K
I
S
F
G
H
M
N
O
Temp.
0~+55
0~+70
0~+85
-10~+60
-10~+70
-20~+70
-30~+80
-30~+85
-40~+85
-10~+85
-20~+85
-20~+75
-20~+60
-30~+75
-20~+80
-25~+85
*Product detail specification is available upon request.


Similar Part No. - MOC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC119 MOTOROLA-MOC119 Datasheet
265Kb / 6P
6-Pin DIP Optoisolator Darlington Output(No Base Connection)
logo
Fairchild Semiconductor
MOC119 FAIRCHILD-MOC119 Datasheet
88Kb / 5P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC119M FAIRCHILD-MOC119M Datasheet
235Kb / 8P
Photodarlington Optocoupler (No Base Connection)
MOC119SM FAIRCHILD-MOC119SM Datasheet
235Kb / 8P
Photodarlington Optocoupler (No Base Connection)
MOC119SR2M FAIRCHILD-MOC119SR2M Datasheet
235Kb / 8P
Photodarlington Optocoupler (No Base Connection)
More results

Similar Description - MOC

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
803-IF360.0M-B OSCILENT-803-IF360.0M-B Datasheet
171Kb / 3P
Mobile Communication
805-IF360.0M-A OSCILENT-805-IF360.0M-A Datasheet
166Kb / 3P
Mobile Communication
807-IF183.6M-A OSCILENT-807-IF183.6M-A Datasheet
241Kb / 2P
Mobile Communication
809-IF85.38M-B OSCILENT-809-IF85.38M-B Datasheet
167Kb / 2P
Mobile Communication
811-IF85.38M-A OSCILENT-811-IF85.38M-A Datasheet
140Kb / 2P
Mobile Communication
807-IF246.0M-B OSCILENT-807-IF246.0M-B Datasheet
242Kb / 3P
Mobile Communication
807-IF350.0M-B OSCILENT-807-IF350.0M-B Datasheet
238Kb / 2P
Mobile Communication
807-IF456.0M-A OSCILENT-807-IF456.0M-A Datasheet
273Kb / 2P
Mobile Communication
807-SL300.0M-07 OSCILENT-807-SL300.0M-07 Datasheet
318Kb / 2P
Mobile Communication
809-IF38.912M-C OSCILENT-809-IF38.912M-C Datasheet
238Kb / 2P
Mobile Communication
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com