Electronic Components Datasheet Search
  English  ▼

X  

NS Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # NS
Description  No sparks with specified DC overvoltage applied
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NS Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  NS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION NS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION NS Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION NS Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION NS Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 7a
NS Series
(No Sparks with DC Overvoltage) MERITEK
Aluminum Electrolytic Capacitors
Item
Characteristic
Operating Temp Range
- 25 ~ +105
°C
Rated Working Voltage
200 ~ 400VDC
Capacitance Tolerance
(120Hz 20
°C)
± 20%(M)
Leakage Current
(20
°C)
I
≤ 0.06CV + 10 (µA)
I : Leakage Current (
µA)
C : Rated Capacitance(
µF)
*After 2 minutes
V : Working Voltage (V)
Surge Voltage
(20
°C)
W.V.
200
400
S.V.
250
450
Dissipation Factor ( tan
δ )
(120Hz 20
°C)
W.V.
200
400
tan
δ
0.15
0.24
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
200
400
-25
°C / +20°C
4
6
Load Life
After 2000 hours application of W.V. and +105
°C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
≤ rated working voltage )
Capacitance Change
≤
±20% of initial.
Dissipation Factor
≤ 200% of initial specified value
Leakage Current
≤ initial specified value
Shelf Life
At +105
°C no voltage application after 1000 hours the capacitor shall meet the limits for load life
characteristics.
( with voltage treatment )
FEATURES
• No sparks with specified DC overvoltage applied.
• Withstanding 2000 hours application of rate ripple current at 105°C.
SPECIFICATIONS
PART NUMBER SYSTEM
DIMENSIONS (mm)
NS 50V 220 M TA 16x25
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros. ‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
±20%
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size – (D) Diameter x (L) Length in mm (Optional)
φD
16
18
F
7.5
7.5
d
0.8
0.8
a
1.5
1.5


Similar Description - NS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ABS125K DIOTEC-ABS125K Datasheet
148Kb / 2P
Bridge Rectifier with Overvoltage Protection
F5K120 DIOTEC-F5K120_13 Datasheet
126Kb / 2P
LowVF-Rectifier with Overvoltage Protection
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
Overvoltage protection with auto restart
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
Overvoltage protection with auto restart
logo
Diotec Semiconductor
F5K120 DIOTEC-F5K120_15 Datasheet
126Kb / 2P
Rectifier with Overvoltage Protection
F11K120 DIOTEC-F11K120_15 Datasheet
121Kb / 2P
Rectifier with Overvoltage Protection
F12K120 DIOTEC-F12K120_15 Datasheet
121Kb / 3P
Rectifier with Overvoltage Protection
FX20K120 DIOTEC-FX20K120_15 Datasheet
124Kb / 3P
Rectifier with Overvoltage Protection
KT20A120 DIOTEC-KT20A120_15 Datasheet
150Kb / 2P
Rectifier with Overvoltage protection
logo
Analog Devices
LTC7825 AD-LTC7825 Datasheet
1Mb / 19P
Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
Rev. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com