Electronic Components Datasheet Search
  English  ▼

X  

OP Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # OP
Description  Minimize the short curcuit probability due to flex cracks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

OP Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  OP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MERITEK
Multilayer Ceramic Capacitors
OP Series
FEATURES
•
Minimize the short curcuit probability due to flex cracks
•
High current applications
•
Input side filtering
PART NUMBER SYSTEM
OP
0805
XR
101
500
K
Meritek Series
Size
Dielectric
CODE
XR
X7R
Capacitance
Expressed in picofarads. First 2 digits are significant digits. Third digit denotes number
of zeros to follow. Use R for decimal point for values less than 10pF.
CODE
8R2
101
pF
8.2
100
Tolerance
CODE
B
C
D
G
J
±.10pF
±.25pF
±.50pF
±2%
±5%
For values less than 10 pF use C or D
Rated Voltage
2 significant digits + number of zeros.
CODE
250
500
25V
50V
INNER CONSTRUCTION OF OPEN-MODE DESIGN
Fig. 1 Normal design (CP<MB) – circuit
leakage during cracking.
Fig. 2 Open-mode design (CP>MB) – circuit
open during cracking.
Fig. 3 Floating design (one kind of
open-mode design)– circuit open
during cracking.
OPEN-MODE DESIGN
Specifications are subject to change without notice.
rev.6a


Similar Description - OP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
logo
IXYS Corporation
IXA12IF1200PB IXYS-IXA12IF1200PB Datasheet
157Kb / 6P
Easy paralleling due to the positive temperature coefficient of the on-state voltage
logo
3M Electronics
10314-52A0-008 3M-10314-52A0-008 Datasheet
489Kb / 15P
This specification was revised due to the requirement described below.
Jan-1999
logo
IXYS Corporation
IXA27IF1200HJ IXYS-IXA27IF1200HJ Datasheet
134Kb / 6P
Easy paralleling due to the positive temperature coefficient of the on-state voltage
IXA20I1200PB IXYS-IXA20I1200PB Datasheet
106Kb / 4P
Easy paralleling due to the positive temperature
IXA20IF1200HB IXYS-IXA20IF1200HB Datasheet
129Kb / 6P
Easy paralleling due to the positive temperature Easy paralleling due to the positive temperature
logo
STMicroelectronics
AN1479 STMICROELECTRONICS-AN1479 Datasheet
447Kb / 13P
Due to increasing consumer awareness
AN1014 STMICROELECTRONICS-AN1014 Datasheet
258Kb / 25P
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
logo
SynQor Worldwide Headqu...
MCOTS-F-28-T-HT SYNQOR-MCOTS-F-28-T-HT Datasheet
6Mb / 14P
Standby circuitry to minimize quiescent power draw
logo
Linkage Goston Electron...
DK906 LINKAGE-DK906 Datasheet
2Mb / 11P
6 W ProbabIlIty Feedback
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com