Electronic Components Datasheet Search
  English  ▼

X  

RH73 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RH73
Description  Advanced thin film technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RH73 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RH73 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RH73 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RH73 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RH73 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
Rev. 7b
 
Precision Thin Film Chip Resistors
(High Power)
RH73 Series
High Power Rating Electrical Specifications
Item
Type
Power
Rating
at 70
C
Operating
Temp. Range
Max.
Operating
Voltage
Max.
Overload
Voltage
Resistance Range
TCR
(PPM/
C)
±0.01%
±0.05%
±0.1% ±0.25% ±0.5%
±1%
1J (0603)
1/10W
-55 ~ +155
C
75V
150V
24.9Ω - 15KΩ
±5
24.9Ω -
100KΩ
4.7Ω - 332KΩ
4.7Ω - 332KΩ
±10
±15
4.7Ω -1MΩ
±25
±50
2A (0805)
1/8W
-55 ~ +155
C
150V
300V
24.9Ω - 30KΩ
±5
24.9Ω -
200KΩ
4.7Ω -511KΩ
4.7Ω -511KΩ
±10
4.7Ω - 1MΩ
±15
4.7Ω -
1MΩ
1Ω - 1MΩ
±25
±50
2B (1206)
1/4W
-55 ~ +155
C
200V
400V
24.9Ω - 49.9KΩ
±5
24.9Ω -
499KΩ
4.7Ω - 1MΩ
±10
±15
±25
±50
2E (1210)
1/ 3W
-55 ~ +155
C
200V
400V
24.9Ω – 49.9KΩ
±5
24.9Ω -
499KΩ
4.7Ω - 1MΩ
±10
±15
±25
±50
2H (2010)
1/3W
-55 ~ +155
C
200V
400V
24.9Ω - 49.9KΩ
±5
24.9Ω -
499KΩ
4.7Ω - 1MΩ
±10
±15
±25
±50
3A (2512)
3/4W
-55 ~ +155
C
200V
400V
24.9Ω - 2KΩ
4.7Ω – 2KΩ
1Ω – 2KΩ
±10
±15
±25
±50
Operating Voltage=√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*√(P*R) or Max. overload voltage listed above, whichever is lower.
(Lower Resistance: 1~10Ω ; High Power Rating)
Derating Curve
Reflow
 
 
 
 
 
 
 
 
 
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
Ambient Temperature(℃)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com