Electronic Components Datasheet Search
  English  ▼

X  

IRGP4640DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP4640DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4640DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP4640DPBF Datasheet HTML 1Page - International Rectifier IRGP4640DPBF Datasheet HTML 2Page - International Rectifier IRGP4640DPBF Datasheet HTML 3Page - International Rectifier IRGP4640DPBF Datasheet HTML 4Page - International Rectifier IRGP4640DPBF Datasheet HTML 5Page - International Rectifier IRGP4640DPBF Datasheet HTML 6Page - International Rectifier IRGP4640DPBF Datasheet HTML 7Page - International Rectifier IRGP4640DPBF Datasheet HTML 8Page - International Rectifier IRGP4640DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
IRGS/SL/B/P4640D/EPbF
2
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
January 20, 2015
Thermal Resistance
Parameter
Min.
Typ.
Max. Units
Thermal Resistance Junction-to-Case (D2Pak, TO-220, TO-262) 
–––
–––
0.60
°C/W
Thermal Resistance Junction-to-Case (TO-247) 
–––
–––
0.60
RθJC (Diode)
Thermal Resistance Junction-to-Case (D2Pak, TO-220, TO-262) 
–––
–––
1.53
Thermal Resistance Junction-to-Case (TO-247) 
–––
–––
1.62
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface– TO 220, D2Pak, TO-262)
–––
0.50
–––
Thermal Resistance, Case-to-Sink (flat, greased surface– TO 247)
–––
0.24
–––
RθJA
Thermal Resistance, Junction-to-Ambient (PCB Mount - D2Pak, TO-262) 
–––
–––
40
Thermal Resistance, Junction-to-Ambient (Socket Mount –TO-247)
–––
–––
40
Thermal Resistance, Junction-to-Ambient (Socket Mount –TO-220)
–––
–––
62
RθJC (IGBT)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 100µA 
ΔV(BR)CES/ΔTJ Temperature Coeff. of Breakdown Voltage
—
0.30
—
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.60
1.90
IC = 24A, VGE = 15V, TJ = 25°C
—
1.90
—
IC = 24A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 700µA
ΔVGE(th)/ΔTJ
Threshold Voltage Temp. Coefficient
—
-18
—
mV/°C VCE = VGE, IC = 1.0mA (25°C-175°C)
gfe
Forward Transconductance
—
17
—
S
VCE = 50V, IC = 24A, PW = 80µs
ICES
Collector-to-Emitter Leakage Current
—
2.0
25
µA
VGE = 0V, VCE = 600V
—
775
—
VGE = 0V, VCE = 600V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
VFM
Diode Forward Voltage Drop
—
1.8
2.6
V
IF = 24A
—
1.28
—
IF = 24A, TJ = 175°C
—
2.0
—
IC = 24A, VGE = 15V, TJ = 175°C
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com