Electronic Components Datasheet Search
  English  ▼

X  

SF Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SF
Description  Segmented metallized film material, safety-compliant
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SF Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SF Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Segmented Film Capacitors
(DMSF,FMSF,TMSF)
FEATURES
•
Segmented metallized film material, safety-compliant.
•
High reliability, moisture resistance and excellent electrical
characteristics.
•
Low ESR
•
Non-inductive construction available
SPECIFICATIONS
1. Operating temperature:
-40oC to +85oC
2. Capacitance range:
0.001μF to 0.47μF
3. Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4. Rated voltage:
Up to 700VAC
5. Dissipation factor:
0.1% max. at 1KHz 25oC
6. Insulation resistance:
>30000MΩ
(C ≤ 0.33μF)
>1000MΩ.uF (C > 0.33μF)
PART NUMBERING SYSTEM
FMSF
103
K
250VAC
Meritek Series
(DMSF, FMSF,TMSF)
Capacitance
CODE
102
103
104
105
( pF )
1,000
10,000
100,000
( nF )
1
10
100
1000
(
μF )
0.001
0.01
0.1
1
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
Segmented Film capacitors have a conventional
winding
structure
with
unique
segmented
metallized electrodes. These electrodes form a
parallel
connection
of
many
small
valued
capacitors. Should dielelectric breakdown occur due
to over voltage, only the faulty small cap is
disconnected resulting in an open circuit, thereby
preventing the entire capacitor from burning.
38 min
38 min
L max
D max
TMSF series
d +/-0 .0 5
T max
W ma x
P +/-1 .0
DMSF series
d+ /-0.0 5
L m a x
W m a x
P + /-1 .0
FMSF series
Dimensions
mm
W
L
T
P
d
xx
xx
xx
Xx
xx
SF Series


Similar Description - SF

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
FMSF103K205VAC MERITEK-FMSF103K205VAC Datasheet
65Kb / 1P
Segmented Film Capacitors
RWSF-T2 MERITEK-RWSF-T2 Datasheet
71Kb / 1P
Segmented Film Capacitors
RWSF-W MERITEK-RWSF-W Datasheet
85Kb / 1P
Segmented Film Capacitors
logo
Ningbo Foryard Optoelec...
FYA-C18EZX-XX FORYARD-FYA-C18EZX-XX Datasheet
389Kb / 5P
Lightbar segmented
FYA-C20AZX-XX FORYARD-FYA-C20AZX-XX Datasheet
394Kb / 5P
Lightbar segmented
FYA-CR41AX-XX FORYARD-FYA-CR41AX-XX Datasheet
416Kb / 5P
Lightbar segmented
FYA-R2010AZUW-X1 FORYARD-FYA-R2010AZUW-X1 Datasheet
392Kb / 5P
Lightbar segmented
FYA-R021407AZX-XX FORYARD-FYA-R021407AZX-XX Datasheet
386Kb / 5P
Lightbar segmented
FYA-R053007AZX-XX FORYARD-FYA-R053007AZX-XX Datasheet
385Kb / 5P
Lightbar segmented
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
Polypropylene film, metallized
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com