Electronic Components Datasheet Search
  English  ▼

X  

APAX-6572 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # APAX-6572
Description  Intel짰 Atom??D510 1.66 GHz, 2 GB RAM Controller with 3 x LAN, 2 x COM, VGA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

APAX-6572 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  APAX-6572 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
APAX-6572 Intel®Atom™ D5101.66GHz,2GBRAM
Controller with 3 x LAN, 2 x COM, VGA
Specifications
General
ƒ
Certification
CE, FCC Class A
ƒ
Cooling System
Fanless
ƒ
Mounting
DIN-rail, Wall mount (panel mount)
ƒ
Dimensions (W x H x D) 222 x 155 x 140 mm
ƒ
Enclosure
Aluminum + SECC, ABS + PC (I/O)
ƒ
Weight
2.6 kg (APAX-6572)
ƒ
Power Consumption
35 W @ 24 VDC (APAX-6572, Typical, Without I/O
modules)
ƒ
Power Requirement
10 ~ 36 VDC (e.g +24 V @ 1 A) (Min. 24 W), AT
System Hardware
ƒ
CPU
Intel Atom D510 1.66 GHz
ƒ
Memory
2 GB DDR2 DRAM (onboard)
ƒ
Battery Backup SRAM 1 MB
ƒ
Watchdog Timer
Programmable 7-tier event handler, from 1 ~ 255
seconds for each tier
ƒ
LED Indicators
Power, CF, LAN (Active, Status), Serial (Tx, Rx)
ƒ
Display
VGA (DB15 connector), up to 1600 x 1200 @ 85Hz
ƒ
Audio
Line in, Line out, Mic in
ƒ
Storage
1 x internal Type I/II CompactFlash card slot
Software
ƒ
Operating System
Windows WES2009, Windows CE
ƒ
Control Software
C/C++ and .NET library with utility
KW MultiProg (development), ProConOS (kernel)
ƒ
Remote Management Built-in Advantech DiagAnywhere agent
Modbus/ASCII master/slave mode
KW MultiProg (development), ProConOS (kernel)
ƒ Intel Atom D510 1.66 GHz CPU
ƒ Onboard 2 GB DDR2 DRAM
ƒ Backup system with two controllers (master and slave) to ensure continuous
I/O control
ƒ Expands I/O by connecting with APAX-5000 I/O modules
ƒ Supports Windows WES2009 and Windows CE
ƒ Provides C/C++ and .NET library for I/O control and communication
ƒ Supports real-time control tasks under Windows CE through ProConOS
ƒ 2 x RS-232/422/485 (automatic flow control)
ƒ 3 x 10/100/1000 Mbps LAN, 4 x USB 2.0
I/O Expansion
ƒ
Accompanied I/O slots 4 x APAX/PCI combo slots
ƒ
Connected I/O Modules 32 (max.)*
ƒ
Digital Signals
768 (max.)
ƒ
Analog Signals
192 (max.)
Communication
ƒ
Serial Ports
2 x RS-232/422/485 (supports automatic RS-485 data
flow control)
ƒ
Serial Baud Rate
50 ~ 115.2 kbps
ƒ
LAN Ports
3 x RJ-45 Ports, 10/100/1000 Mbps
ƒ
USB Ports
4 x USB 2.0
Environment
ƒ
Operating Temperature -10 ~ 50°C (when mounted vertically)
ƒ
Storage Temperature
-40 ~ 70°C
ƒ
Operating Humidity
20 ~ 95% (non-condensing)
ƒ
Storage Humidity
0 ~ 95% (non-condensing)
ƒ
Vibration Protection
2 Grms @ 5 ~ 500 Hz
(Random, operating, 1hr/axis)
(Conforms to IEC 60068-2-64)
Ordering Information
ƒ
APAX-6572
Intel Atom D510 1.66 GHz, 2 GB RAM Controller
ƒ
PWR-244
Panel Mount Power Supply
PAC softlogic option (for CTOS only)
ƒ
SQF-P10S2-8G-ETE
Suggested CF 8G CF NR, DMA (-40 ~ 85°C)
ƒ
2070012262
WinCE image with KW support for APAX-6572
ƒ
2010000007
License Agreement for KW ProConOS Embedded
PC-base controller option (for CTOS only)
ƒ
SQF-P10S2-16G-ETE
Suggested CF 16G CF NR, DMA (-40 ~ 85°C)
ƒ
2070012263
WES2009 MUI for APAX-6572
Introduction
The APAX-6572 is a high performance controller with an Intel Atom D510 CPU. By installing Windows WES2009 or Windows CE operating system, it becomes an application ready
platform. It is an ideal open control platform which can be combined with APAX I/O modules, and features flexible I/O expansion, real-time I/O control, and powerful computing and
networking capability through various interfaces.
*APAX DI/O modules can use ID number 0 ~ 31, while AI/O modules and counter modules can only use ID numbers 0 ~ 15
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - APAX-6572

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
APAX-5001 ADVANTECH-APAX-5001 Datasheet
338Kb / 1P
8-ch RTD Module
APAX-5001 ADVANTECH-APAX-5001 Datasheet
301Kb / 1P
12-ch High Speed Analog Input Module
APAX-5001 ADVANTECH-APAX-5001 Datasheet
301Kb / 1P
24-ch Digital Input Module
APAX-5001 ADVANTECH-APAX-5001 Datasheet
614Kb / 1P
24-ch Digital Output Module
APAX-5001 ADVANTECH-APAX-5001 Datasheet
614Kb / 1P
Power Supply for APAX-5570 Series
More results

Similar Description - APAX-6572

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-2173A ADVANTECH-UNO-2173A Datasheet
314Kb / 1P
Intel짰 Atom??Fanless Box PC with 1 x LAN, 2 x COM, Mini-PCIe
UNO-4673A ADVANTECH-UNO-4673A Datasheet
455Kb / 2P
Intel짰 Atom D510 / Core??i7 Substation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
UNO-4683 ADVANTECH-UNO-4683 Datasheet
455Kb / 2P
Intel짰 Atom D510 / Core??i7 Substation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
SIMB-M01 ADVANTECH-SIMB-M01 Datasheet
825Kb / 2P
Intel짰 Atom??D525 Mini-ITX with VGA/HDMI, 2 COM and LAN
SIMB-M01 ADVANTECH-SIMB-M01_14 Datasheet
625Kb / 2P
Intel짰 Atom??D525 Mini-ITX with VGA/HDMI, 2 COM and LAN
UNO-1172A ADVANTECH-UNO-1172A_14 Datasheet
263Kb / 1P
Intel짰 Atom D510 DIN-rail PCs with 3 x LAN, 2 x COM, VGA, Mini PCIe, PC/104
UNO-3072A ADVANTECH-UNO-3072A_14 Datasheet
226Kb / 1P
Intel짰 Atom??D510 Automation Computer with 2 x PCI, 2 x GbE, and FireWire
UNO-4673A ADVANTECH-UNO-4673A_15 Datasheet
198Kb / 1P
Intel짰 Atom / Core??i7 Automation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
ECU-1871 ADVANTECH-ECU-1871_15 Datasheet
177Kb / 1P
Intel짰 Atom??D510 Energy Controller with 2 x LAN, 3 x COM, IRIG-B, and I/O Extension
UNO-4673A-A33E ADVANTECH-UNO-4673A-A33E Datasheet
198Kb / 1P
Intel짰 Atom / Core??i7 Automation Computers with 6 x LAN, 2 x COM and 3 x Expansion Slots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com