Electronic Components Datasheet Search
  English  ▼

X  

MAX1202BCAP Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1202BCAP
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202BCAP Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1202BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 17Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 18Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 19Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 20Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 21Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 22Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 23Page - Maxim Integrated Products MAX1202BCAP Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
______________________________________________________________________________________
21
Figure 16. Bipolar Transfer Function, ±4.096V/2 = Full Scale
Figure 15. Unipolar Transfer Function, 4.096V = Full Scale
(“star” ground point) at GND. Connect all other analog
grounds to this ground. No other digital system ground
should be connected to this single-point analog
ground. The ground return to the power supply for this
ground should be low impedance and as short as pos-
sible for noise-free operation.
High-frequency noise in the power supplies can affect
the ADC’s high-speed comparator. Bypass these sup-
plies to the single-point analog ground with 0.1µF and
4.7µF
bypass
capacitors
close
to
the
MAX1202/MAX1203. Minimize capacitor lead lengths
for best supply-noise rejection. If the +5V power supply
is very noisy, a 10
Ω resistor can be connected as a
lowpass filter, as shown in Figure 18.
OUTPUT CODE
FULL-SCALE
TRANSITION
11 . . . 111
11 . . . 110
11 . . . 101
00 . . . 011
00 . . . 010
00 . . . 001
00 . . . 000
12
3
0
FS
FS - 3/2LSB
+4.096V
+ 4.096V
4096
FS =
1LSB =
INPUT VOLTAGE (LSBs)
011 . . . 111
OUTPUT CODE
011 . . . 110
000 . . . 010
000 . . . 001
000 . . . 000
111 . . . 111
111 . . . 110
111 . . . 101
100 . . . 001
100 . . . 000
-FS
0V
INPUT VOLTAGE (LSBs)
+FS - 1LSB
FS = +2.048V
1LSB =
+4.096V
4096
+5V
510k
100k
24k
0.01µF
12
REFADJ
MAX1202
Figure 17. MAX1202 Reference-Adjust Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com