Electronic Components Datasheet Search
  English  ▼

X  

MAX1237EUA Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1237EUA
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237EUA Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1237EUA Datasheet HTML 13Page - Maxim Integrated Products MAX1237EUA Datasheet HTML 14Page - Maxim Integrated Products MAX1237EUA Datasheet HTML 15Page - Maxim Integrated Products MAX1237EUA Datasheet HTML 16Page - Maxim Integrated Products MAX1237EUA Datasheet HTML 17Page - Maxim Integrated Products MAX1237EUA Datasheet HTML 18Page - Maxim Integrated Products MAX1237EUA Datasheet HTML 19Page - Maxim Integrated Products MAX1237EUA Datasheet HTML 20Page - Maxim Integrated Products MAX1237EUA Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
clock. In external clock mode, the MAX1236–MAX1239
begin tracking the analog input on the ninth rising clock
edge of a valid slave address byte. Two SCL clock
cycles later, the analog signal is acquired and the con-
version begins. Unlike internal clock mode, converted
data is available immediately after the first four empty
high bits. The device continuously converts input chan-
nels dictated by the scan mode until given a not
acknowledge. There is no need to readdress the
device with a read command to obtain new conversion
results (see Figure 11).
The conversion must complete in 1ms, or droop on the
track-and-hold capacitor degrades conversion results.
Use internal clock mode if the SCL clock period
exceeds 60µs.
The MAX1236–MAX1239 must operate in external clock
mode for conversion rates from 40ksps to 94.4ksps.
Below 40ksps, internal clock mode is recommended
due to much smaller power consumption.
Scan Mode
SCAN0 and SCAN1 of the configuration byte set the
scan mode configuration. Table 5 shows the scanning
configurations. If AIN_/REF is set to be a reference
input or output (SEL1 = 1, Table 6), AIN_/REF is exclud-
ed from a multichannel scan. The scanned results are
written to memory in the same order as the conversion.
Read the results from memory in the order they were
converted. Each result needs a 2-byte transmission; the
first byte begins with four empty bits, during which SDA
is left high. Each byte has to be acknowledged by the
master or the memory transmission is terminated. It is
not possible to read the memory independently of con-
version.
Applications Information
Power-On Reset
The configuration and setup registers (Tables 1 and 2)
default to a single-ended, unipolar, single-channel con-
version on AIN0 using the internal clock with VDD as the
reference and AIN_/REF configured as an analog input.
The memory contents are unknown after power-up.
Automatic Shutdown
SEL[2:0] of the setup byte (Table 1 and Table 6) control
the state of the reference and AIN_/REF. If automatic
shutdown is selected (SEL[2:0] = 100), shutdown
occurs between conversions when the MAX1236–
MAX1239 are idle. When operating in external clock
mode, a STOP, not-acknowledge, or repeated START
condition must be issued to place the devices in idle
mode and benefit from automatic shutdown. A STOP
condition is not necessary in internal clock mode to
benefit from automatic shutdown because power-down
occurs once all contents are written to memory (Figure
10). All analog circuitry is inactive in shutdown and
supply current is less than 0.5µA. The digital conversion
results are maintained in memory during shutdown and
are available for access through the serial interface at
any time prior to a STOP or a repeated START condition.
When idle, the MAX1236–MAX1239 continuously wait
for a START condition followed by their slave address
(see the Slave Address section). Upon reading a valid
address byte, the MAX1236–MAX1239 power up. The
internal reference requires 10ms to wake up, so when
using the internal reference it should be powered up
10ms prior to conversion or powered continuously.
Wake-up is invisible when using an external reference
or VDD as the reference.
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
______________________________________________________________________________________
17
SCAN1
SCAN0
SCANNING CONFIGURATION
00
Scans up from AIN0 to the input selected by CS3–CS0. When CS3–CS0 exceeds 11, the scanning stops
at AIN11. When AIN_/REF is set to be a REF in/out, scanning stops at AIN10 or AIN3.
0
1
*Converts the input selected by CS3–CS0 eight times (see Tables 3 and 4).
Scans up from AIN2 to the input selected by CS1 and CS0. When CS1 and CS0 are set for AIN0–AIN2,
the scanning stops at AIN2 (MAX1236/MAX1237). When AIN/REF is set to be a REF IN/OUT, scanning
stops at AIN3 or AIN10.
10
Scans up from AIN6 to the input selected by CS3–CS0. When CS3–CS0 is set for AIN0-AIN6, scanning
stops at AIN6 (MAX1238/MAX1239). When AIN/REF is set to be a REF IN/OUT, scanning stops at AIN or
AIN10.
1
1
*Converts channel selected by CS3–CS0.
*When operating in external clock mode, there is no difference between SCAN[1:0] = 01 and SCAN[1:0] = 11 and converting occurs
perpetually until not-acknowledge occurs.
Table 5. Scanning Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com