Electronic Components Datasheet Search
  English  ▼

X  

IRGS4607DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRGS4607DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4607DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRGS4607DPBF Datasheet HTML 1Page - International Rectifier IRGS4607DPBF Datasheet HTML 2Page - International Rectifier IRGS4607DPBF Datasheet HTML 3Page - International Rectifier IRGS4607DPBF Datasheet HTML 4Page - International Rectifier IRGS4607DPBF Datasheet HTML 5Page - International Rectifier IRGS4607DPBF Datasheet HTML 6Page - International Rectifier IRGS4607DPBF Datasheet HTML 7Page - International Rectifier IRGS4607DPBF Datasheet HTML 8Page - International Rectifier IRGS4607DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 
IRGR/S/B4607DPbF
5
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
510
15
20
VGE (V)
0
1
2
3
4
5
6
ICE= 8.0A
ICE= 4.0A
ICE= 2.0A
Fig. 10 - Typical V
CE
vs. V
GE
T
J
= -40°C
510
15
20
VGE (V)
0
1
2
3
4
5
6
ICE= 8.0A
ICE= 4.0A
ICE= 2.0A
Fig. 11 - Typical VCE vs. VGE
TJ = 25°C
0
2
4
6
8
10
VCE(V)
0
4
8
12
16
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VF (V)
0
5
10
15
20
25
30
175°C
25°C
-40°C
Fig. 7 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 20µs
0
2
4
6
8
10
VCE(V)
0
4
8
12
16
VGE= 18V
VGE= 15V
VGE = 12V
VGE= 10V
VGE = 8.0V
0
2
4
6
8
10
VCE(V)
0
2
4
6
8
10
12
14
16
VGE= 18V
VGE= 15V
VGE = 12V
VGE= 10V
VGE = 8.0V
Fig. 6 - Typ. IGBT Output Characteristics
TJ = -40°C; tp = 20µs
Fig. 9 - Typ. Diode Forward Voltage Drop
Characteristics
Fig. 8 - Typ. IGBT Output Characteristics
T
J
= 175°C; tp = 20µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com