Electronic Components Datasheet Search
  English  ▼

X  

MAX1239EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1239EEE
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1239EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1239EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1239EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS FOR HIGH-SPEED MODE (CB = 400pF, Note 11)
Serial Clock Frequency
fSCLH
(Note 12)
1.7
MHz
Hold Time, Repeated START
Condition (Sr)
tHD, STA
160
ns
Low Period of the SCL Clock
tLOW
320
ns
High Period of the SCL Clock
tHIGH
120
ns
Setup Time for a Repeated START
Condition (Sr)
tSU, STA
160
ns
Data Hold Time
tHD, DAT
(Note 10)
0
150
ns
Data Setup Time
tSU, DAT
10
ns
Rise Time of SCL Signal
(Current Source Enabled)
tRCL
20
80
ns
Rise Time of SCL Signal after
Acknowledge Bit
tRCL1
Measured from 0.3VDD - 0.7VDD
20
160
ns
Fall Time of SCL Signal
tFCL
Measured from 0.3VDD - 0.7VDD
20
80
ns
Rise Time of SDA Signal
tRDA
Measured from 0.3VDD - 0.7VDD
20
160
ns
Fall Time of SDA Signal
tFDA
Measured from 0.3VDD - 0.7VDD
20
160
ns
Setup Time for STOP (P) Condition
tSU, STO
160
ns
Capacitive Load for Each Bus Line
CB
400
pF
Pulse Width of Spike Suppressed
tSP
(Notes 10 and 12)
0
10
ns
TIMING CHARACTERISTICS (Figure 1) (continued)
(VDD = 2.7V to 3.6V (MAX1237/MAX1239), VDD = 4.5V to 5.5V (MAX1236/MAX1238), VREF = 2.048V (MAX1237/MAX1239), VREF =
4.096V (MAX1236/MAX1238), CREF = 0.1µF, fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C, see Tables 1–5 for programming notation.)
Note 1: For DC accuracy, the MAX1136/MAX1138 are tested at VDD = 5V and the MAX1137/MAX1139 are tested at VDD = 3V. All
devices are configured for unipolar, single-ended inputs.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range and
offsets have been calibrated.
Note 3: Offset nulled.
Note 4: Conversion time is defined as the number of clock cycles needed for conversion multiplied by the clock period. Conversion
time does not include acquisition time. SCL is the conversion clock in the external clock mode.
Note 5: A filter on the SDA and SCL inputs suppresses noise spikes and delays the sampling instant.
Note 6: The absolute input-voltage range for the analog inputs (AIN0–AIN11) is from GND to VDD.
Note 7: When the internal reference is configured to be available at AIN_/REF (SEL[2:1] = 11) decouple AIN_/REF to GND with a
0.01µF capacitor.
Note 8: ADC performance is limited by the converter’s noise floor, typically 300µVP-P.
Note 9: Measured as for the MAX1237/MAX1239
VV
V
V
V
VV
FS
FS
REF
N
(.
)
( .
)
(.
.
)
36
27
21
36
27
−
−
−
[] ×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com