Electronic Components Datasheet Search
  English  ▼

X  

MAX1240BC/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1240BC/D
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1240BC/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1240BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX1240BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX1240BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX1240BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX1240BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX1240BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX1240BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX1240BC/D Datasheet HTML 15Page - Maxim Integrated Products MAX1240BC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
______________________________________________________________________________________
13
HIGH-Z
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
tCONV
DOUT*
CS
SCLK
1ST BYTE READ
2ND BYTE READ
EOC
MSB
LSB
*WHEN CS IS HIGH, DOUT = HIGH -Z
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
tCONV
DOUT*
CS
SCLK
EOC
MSB
LSB
HIGH-Z
*WHEN CS IS HIGH, DOUT = HIGH -Z
Figure 12. SPI/MICROWIRE Serial Interface Timing (CPOL = CPHA = 0)
Figure 13. QSPI Serial Interface Timing (CPOL = CPHA = 0)
SUPPLIES
+3V
+3V
GND
DGND
+3V
DIGITAL
CIRCUITRY
GND
VDD
MAX1240
MAX1241
*OPTIONAL
R* = 10
Ω
4.7
µF
0.1
µF
Figure 14. Power-Supply Grounding Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com