Electronic Components Datasheet Search
  English  ▼

X  

BAS16LD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BAS16LD
Description  Single high-speed switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS16LD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BAS16LD_15 Datasheet HTML 3Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 4Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 5Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 6Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 7Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 8Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 9Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 10Page - NXP Semiconductors BAS16LD_15 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BAS16LD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 12 October 2010
7 of 11
NXP Semiconductors
BAS16LD
Single high-speed switching diode
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
11. Soldering
Fig 8.
Package outline BAS16LD (SOD882D)
10-08-06
Dimensions in mm
0.65
0.30
0.22
0.30
0.22
0.55
0.45
0.65
0.55
0.4
max
1.05
0.95
2
cathode marking on top side
1
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
10000
BAS16LD
SOD882D
2 mm pitch, 8 mm tape and reel
-315
Reflow soldering is the only recommended soldering method.
Fig 9.
Reflow soldering footprint BAS16LD (SOD882D)
solder lands
solder resist
solder paste
sod882d_fr
Dimensions in mm
1.4
0.2
0.3
0.4
1
1.3
0.8
(2
×)
0.6
(2
×)
0.7
(2
×)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com