Electronic Components Datasheet Search
  English  ▼

X  

BAS28 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BAS28
Description  High-speed double diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS28 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BAS28_15 Datasheet HTML 3Page - NXP Semiconductors BAS28_15 Datasheet HTML 4Page - NXP Semiconductors BAS28_15 Datasheet HTML 5Page - NXP Semiconductors BAS28_15 Datasheet HTML 6Page - NXP Semiconductors BAS28_15 Datasheet HTML 7Page - NXP Semiconductors BAS28_15 Datasheet HTML 8Page - NXP Semiconductors BAS28_15 Datasheet HTML 9Page - NXP Semiconductors BAS28_15 Datasheet HTML 10Page - NXP Semiconductors BAS28_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BAS28
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 22 July 2010
7 of 12
NXP Semiconductors
BAS28
High-speed double diode
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 8.
Package outline BAS28 (SOT143B)
04-11-16
Dimensions in mm
3.0
2.8
1.1
0.9
2.5
2.1
1.4
1.2
1.7
1.9
0.48
0.38
0.15
0.09
0.45
0.15
0.88
0.78
2
1
3
4
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BAS28
SOT143B
4 mm pitch, 8 mm tape and reel
-215
-235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com