Electronic Components Datasheet Search
  English  ▼

X  

BAS85 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS85
Description  Schottky barrier diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS85 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS85_15 Datasheet HTML 1Page - NXP Semiconductors BAS85_15 Datasheet HTML 2Page - NXP Semiconductors BAS85_15 Datasheet HTML 3Page - NXP Semiconductors BAS85_15 Datasheet HTML 4Page - NXP Semiconductors BAS85_15 Datasheet HTML 5Page - NXP Semiconductors BAS85_15 Datasheet HTML 6Page - NXP Semiconductors BAS85_15 Datasheet HTML 7Page - NXP Semiconductors BAS85_15 Datasheet HTML 8Page - NXP Semiconductors BAS85_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BAS85
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 — 10 September 2010
5 of 10
NXP Semiconductors
BAS85
Schottky barrier diode
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
Fig 5.
Package outline SOD80C
06-03-16
Dimensions in mm
1.60
1.45
0.3
3.7
3.3
0.3
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
2500
10000
BAS85
SOD80C
4 mm pitch, 8 mm tape and reel
-115
-135



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com