Electronic Components Datasheet Search
  English  ▼

X  

MAX1237LEUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1237LEUA
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237LEUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1237LEUA Datasheet HTML 1Page - Maxim Integrated Products MAX1237LEUA Datasheet HTML 2Page - Maxim Integrated Products MAX1237LEUA Datasheet HTML 3Page - Maxim Integrated Products MAX1237LEUA Datasheet HTML 4Page - Maxim Integrated Products MAX1237LEUA Datasheet HTML 5Page - Maxim Integrated Products MAX1237LEUA Datasheet HTML 6Page - Maxim Integrated Products MAX1237LEUA Datasheet HTML 7Page - Maxim Integrated Products MAX1237LEUA Datasheet HTML 8Page - Maxim Integrated Products MAX1237LEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V (MAX1237/MAX1239), VDD = 4.5V to 5.5V (MAX1236/MAX1238), VREF = 2.048V (MAX1237/MAX1239), VREF =
4.096V (MAX1236/MAX1238), CREF = 0.1µF, fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C, see Tables 1–5 for programming notation.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Internal clock, SCAN[1:0] = 01
51
Internal clock, SCAN[1:0] = 00
CS[3:0] = 1011 (MAX1238/MAX1239)
51
Throughput Rate
fSAMPLE
External clock
94.4
ksps
Track/Hold Acquisition Time
800
ns
Internal Clock Frequency
2.8
MHz
External clock, fast mode
60
Aperture Delay (Note 5)
tAD
External clock, high-speed mode
30
ns
ANALOG INPUT (AIN0–AIN11)
Unipolar
0
VREF
Input-Voltage Range, Single-
Ended and Differential (Note 6)
Bipolar
0
±VREF/2
V
Input Multiplexer Leakage Current
ON/OFF leakage current, VAIN_ = 0 or VDD
±0.01
±1µA
Input Capacitance
CIN
22
pF
INTERNAL REFERENCE (Note 7)
MAX1237/MAX1239
1.968
2.048
2.128
Reference Voltage
VREF
TA = +25°C
MAX1236/MAX1238
3.936
4.096
4.256
V
Reference-Voltage Temperature
Coefficient
TCVREF
25
ppm/
°C
REF Short-Circuit Current
2mA
REF Source Impedance
1.5
k
Ω
EXTERNAL REFERENCE
REF Input-Voltage Range
VREF
(Note 8)
1
VDD
V
REF Input Current
IREF
fSAMPLE = 94.4ksps
40
µA
DIGITAL INPUTS/OUTPUTS (SCL, SDA)
Input-High Voltage
VIH
0.7 ✕ VDD
V
Input-Low Voltage
VIL
0.3 ✕ VDD
V
Input Hysteresis
VHYST
0.1 ✕ VDD
V
Input Current
IIN
VIN = 0 to VDD
±10
µA
Input Capacitance
CIN
15
pF
Output Low Voltage
VOL
ISINK = 3mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com