Electronic Components Datasheet Search
  English  ▼

X  

MAX1237 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1237
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1237 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1237 Datasheet HTML 14Page - Maxim Integrated Products MAX1237 Datasheet HTML 15Page - Maxim Integrated Products MAX1237 Datasheet HTML 16Page - Maxim Integrated Products MAX1237 Datasheet HTML 17Page - Maxim Integrated Products MAX1237 Datasheet HTML 18Page - Maxim Integrated Products MAX1237 Datasheet HTML 19Page - Maxim Integrated Products MAX1237 Datasheet HTML 20Page - Maxim Integrated Products MAX1237 Datasheet HTML 21Page - Maxim Integrated Products MAX1237 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Effective Number of Bits
Effective number of bits (ENOB) indicates the global
accuracy of an ADC at a specific input frequency and
sampling rate. An ideal ADC’s error consists of quanti-
zation noise only. With an input range equal to the
ADC’s full-scale range, calculate the ENOB as follows:
ENOB = (SINAD - 1.76) / 6.02
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS
sum of the input signal’s first five harmonics to the fun-
damental itself. This is expressed as:
where V1 is the fundamental amplitude, and V2 through
V5 are the amplitudes of the 2nd- through 5th-order
harmonics.
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of the
RMS amplitude of the fundamental (maximum signal
component) to the RMS value of the next largest distor-
tion component.
THD
VVV
V
V
log
=×
++
+
20
2
2
3
2
4
2
5
2
1
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
20
______________________________________________________________________________________
*OPTIONAL
**AIN11/REF (MAX1238/MAX1239)
*RS
*RS
ANALOG
INPUTS
µC
SDA
SCL
GND
VDD
SDA
SCL
AIN0
AIN1
AIN3**/REF
3.3V or 5V
5V
RP
CREF
RP
5V
MAX1236
MAX1237
MAX1238
MAX1239
0.1
µF
0.1
µF
Typical Operating Circuit
SDA
SCL
AIN3/REF
1
2
8
7
VDD
GND
AIN1
AIN2
AIN0
µMAX
TOP VIEW
3
4
6
5
MAX1236
MAX1237
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AIN0
AIN8
AIN9
AIN10
AIN11/REF
VDD
GND
SDA
SCL
MAX1238
MAX1239
QSOP
AIN1
AIN2
AIN5
AIN3
AIN4
AIN6
AIN7
Pin Configurations
Ordering Information (continued)
PART
TEMP
RANGE
PIN-
PACKAGE
I
2C SLAVE
ADDRESS
INL
(LSB)
MAX1238EEE
-40
°C to +85°C 16 QSOP
0110101
±1
MAX1238KEEE* -40
°C to +85°C 16 QSOP
0110001
±1
MAX1238LEEE* -40
°C to +85°C 16 QSOP
0110011
±1
MAX1238MEEE* -40
°C to +85°C 16 QSOP
0110111
±1
MAX1239EEE
-40
°C to +85°C 16 QSOP
0110101
±1
MAX1239KEEE
-40
°C to +85°C 16 QSOP
0110001
±1
MAX1239LEEE
-40
°C to +85°C 16 QSOP
0110011
±1
MAX1239MEEE -40
°C to +85°C 16 QSOP
0110111
±1
Chip Information
MAX1236/MAX1237 TRANSISTORS COUNT: 11,362
MAX1238/MAX1239 TRANSISTORS COUNT: 12,956
PROCESS: BiCMOS
*Future product—contact factory for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com