Electronic Components Datasheet Search
  English  ▼

X  

MAX1270ACAI Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1270ACAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1270ACAI Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1270ACAI Datasheet HTML 10Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 11Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 12Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 13Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 14Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 15Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 16Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 17Page - Maxim Integrated Products MAX1270ACAI Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
14
______________________________________________________________________________________
conversion in progress. Figure 10 shows the SSTRB
timing in internal clock mode.
Internal clock mode conversions can be completed
with 13 external clocks per conversion but require a
waiting period of 15µs for the conversion to be com-
pleted (Figure 11).
Most microcontrollers require that conversions occur in
multiples of 8 SCLK clock cycles. Sixteen clock cycles
per conversion (as shown in Figure 12) is typically the
most convenient way for a microcontroller to drive the
MAX1270/MAX1271.
Applications Information
Power-On Reset
The MAX1270/MAX1271 power up in normal operation
(all internal circuitry active) and internal clock mode,
waiting for a start bit. The contents of the output data
register are cleared at power-up.
Internal or External Reference
The MAX1270/MAX1271 operate with either an internal
or external reference. An external reference is connect-
ed to either REF or REFADJ (Figure 13). The REFADJ
internal buffer gain is trimmed to 1.638V to provide
4.096V at REF from a 2.5V reference.
SSTRB
CS
SCLK
DIN
DOUT
1
8
20
START SEL2 SEL1 SEL0 RNG
BIP
PD1
PD0
D11 D10
D1
D0
ACQUISITION
FILLED WITH ZEROS
CONVERSION
A/D STATE
910
19
16 INT CLK
12 INT CLK
MSB
LSB
MSB
LSB
2 EXT SCLK
+4 INT CLK
HIGH-Z
HIGH-Z
HIGH-Z
Figure 9. Internal Clock Mode—20 SCLK/Conversion Timing
SCLK #8
tSSTRB
tCSH
tSCK
tCSS
NOTE: FOR BEST NOISE PERFORMANCE, KEEP SCLK LOW DURING CONVERSION.
SSTRB
SCLK
CS
Figure 10. Internal Clock Mode—SSTRB Detailed Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com