Electronic Components Datasheet Search
  English  ▼

X  

MAX1241BESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1241BESA
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1241BESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1241BESA Datasheet HTML 1Page - Maxim Integrated Products MAX1241BESA Datasheet HTML 2Page - Maxim Integrated Products MAX1241BESA Datasheet HTML 3Page - Maxim Integrated Products MAX1241BESA Datasheet HTML 4Page - Maxim Integrated Products MAX1241BESA Datasheet HTML 5Page - Maxim Integrated Products MAX1241BESA Datasheet HTML 6Page - Maxim Integrated Products MAX1241BESA Datasheet HTML 7Page - Maxim Integrated Products MAX1241BESA Datasheet HTML 8Page - Maxim Integrated Products MAX1241BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VDD = 3.6V
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX1240); VDD = +2.7V to +5.25V (MAX1241); 73ksps, fSCLK = 2.1MHz (50% duty cycle); MAX1240—4.7µF
capacitor at REF pin, MAX1241—external reference; VREF = 2.500V applied to REF pin; TA = TMIN to TMAX; unless otherwise noted.)
Note 1: Tested at VDD = +2.7V.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range and
offset have been calibrated.
Note 3: MAX1240—internal reference, offset nulled; MAX1241—external reference (VREF = +2.500V), offset nulled.
Note 4: External load should not change during conversion for specified accuracy.
Note 5: Guaranteed by design. Not subject to production testing.
Note 6: Measured as [VFS(2.7V) - VFS(VDD(MAX)].
Note 7: To guarantee acquisition time, tACQ is the maximum time the device takes to acquire the signal, and is also the minimum
time needed for the signal to be acquired.
SCLK Pulse Width Low
tCL
200
ns
SCLK Pulse Width High
tCH
200
ns
SCLK Clock Frequency
fSCLK
0
2.1
MHz
CS Rise to Output Disable
tTR
240
ns
SCLK Low to CS Fall Setup Time
tCS0
50
ns
DOUT Rise to SCLK Rise (Note 5)
tSTR
0
ns
CS Pulse Width
tCS
240
ns
Figure 2, CLOAD = 50pF
CS Fall to Output Enable
tDV
240
ns
Figure 1, CLOAD = 50pF
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Acquisition Time
tACQ
1.5
µs
CS = VDD (Note 6)
TIMING CHARACTERISTICS (Figure 8)
(VDD = +2.7V to +3.6V (MAX1240); VDD = +2.7V to +5.25V (MAX1241); TA = TMIN to TMAX, unless otherwise noted.)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
2.7
3.6
MAX1240
2.7
5.25
MAX1241
VDD
Supply Voltage
V
±0.3
(Note 5)
PSR
Supply Rejection
mV
20
240
SCLK Fall to Output Data Valid
tDO
20
200
ns
Figure 1,
CLOAD = 50pF
MAX124_ _C/E
MAX124_ _M
1.4
2.0
Operating
mode
1.6
2.5
VDD = 3.6V
3.5
15
VDD = 5.25V
VDD = 3.6V
VDD = 5.25V
IDD
1.9
10
Power-down, digital inputs
at 0V or VDD
1.4
3.5
µA
0.9
1.5
VDD = 3.6V
MAX1240C
MAX1241A/B
Supply Current
MAX1240A/B
mA
1.6
3.8
VDD = 3.6V
VDD = 5.25V
0.9
2.8
MAX1241C
POWER REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com