Electronic Components Datasheet Search
  English  ▼

X  

MAX1239MEEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1239MEEE
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1239MEEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1239MEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1239MEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1239MEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1239MEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1239MEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1239MEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1239MEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1239MEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1239MEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 3.6V (MAX1237/MAX1239), VDD = 4.5V to 5.5V (MAX1236/MAX1238), VREF = 2.048V (MAX1237/MAX1239), VREF =
4.096V (MAX1236/MAX1238), CREF = 0.1µF, fSCL = 1.7MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C, see Tables 1–5 for programming notation.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
AIN0–AIN11,
REF to GND ............-0.3V to the lower of (VDD + 0.3V) and 6V
SDA, SCL to GND.....................................................-0.3V to +6V
Maximum Current Into Any Pin .........................................±50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)........666.7mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
12
Bits
Relative Accuracy
INL
(Note 2)
±1
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±1
LSB
Offset Error
±4
LSB
Offset-Error Temperature
Coefficient
Relative to FSR
0.3
ppm/
°C
Gain Error
(Note 3)
±4
LSB
Gain-Temperature Coefficient
Relative to FSR
0.3
ppm/
°C
Channel-to-Channel Offset
Matching
±0.1
LSB
Channel-to-Channel Gain
Matching
±0.1
LSB
DYNAMIC PERFORMANCE (fIN(SINE-WAVE) = 10kHz, VIN(P-P) = VREF, fSAMPLE = 94.4ksps)
Signal-to-Noise Plus Distortion
SINAD
70
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic
-78
dB
Spurious-Free Dynamic Range
SFDR
78
dB
Full-Power Bandwidth
SINAD > 68dB
3
MHz
Full-Linear Bandwidth
-3dB point
5
MHz
CONVERSION RATE
Internal clock
7.5
Conversion Time (Note 4)
tCONV
External clock
10.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com