Electronic Components Datasheet Search
  English  ▼

X  

MAX1271BCAI Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1271BCAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271BCAI Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1271BCAI Datasheet HTML 12Page - Maxim Integrated Products MAX1271BCAI Datasheet HTML 13Page - Maxim Integrated Products MAX1271BCAI Datasheet HTML 14Page - Maxim Integrated Products MAX1271BCAI Datasheet HTML 15Page - Maxim Integrated Products MAX1271BCAI Datasheet HTML 16Page - Maxim Integrated Products MAX1271BCAI Datasheet HTML 17Page - Maxim Integrated Products MAX1271BCAI Datasheet HTML 18Page - Maxim Integrated Products MAX1271BCAI Datasheet HTML 19Page - Maxim Integrated Products MAX1271BCAI Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
17
Transfer Function
Output data coding for the MAX1270/MAX1271 is bina-
ry in unipolar mode with 1 LSB = (FS / 4096) and two’s
complement binary in bipolar mode with 1 LSB = [(2 x
| FS | ) / 4096]. Code transitions occur halfway between
successive-integer LSB values. Figures 14a and 14b
show the input/output (I/O) transfer functions for unipo-
lar and bipolar operations, respectively. For full-scale
values, refer to Table 3.
Layout, Grounding, and Bypassing
Careful PC board layout is essential for best system
performance. Use a ground plane for best perfor-
mance. To reduce crosstalk and noise injection, keep
analog and digital signals separate. Connect analog
grounds and DGND in a star configuration to AGND.
For noise-free operation, ensure the ground return from
AGND to the supply ground is low impedance and as
short as possible. Connect the logic grounds directly to
the supply ground. Bypass VDD with 0.1µF and 4.7µF
capacitors to AGND to minimize highand low-frequency
fluctuations. If the supply is excessively noisy, connect
a 5Ω resistor between the supply and VDD, as shown in
Figure 15.
VDD
GND
DGND
DGND
AGND
+5V
+5V
SUPPLY
R* = 5
Ω
DIGITAL
CIRCUITRY
4.7
µF
0.1
µF
MAX1270
MAX1271
**
*OPTIONAL
**CONNECT AGND AND DGND WITH A GROUND PLANE OR A SHORT TRACE.
Figure 15. Power-Supply Grounding Connections
OUTPUT CODE
INPUT VOLTAGE (LSB)
0
FS
FS - 3/2LSB
1 LSB =
FULL-SCALE
TRANSITION
12
3
11... 111
11... 110
11... 101
00... 011
00... 010
00... 001
00... 000
FS
4096
Figure 14a. Unipolar Transfer Function
OUTPUT CODE
INPUT VOLTAGE (LSB)
0
+FS - 1 LSB
1 LSB =
-FS
011... 111
011... 110
000... 001
000... 000
111... 111
100... 010
100... 001
100... 000
2|FS|
4096
Figure 14b. Bipolar Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com