Electronic Components Datasheet Search
  English  ▼

X  

MAX1271AENG Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1271AENG
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271AENG Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1271AENG Datasheet HTML 9Page - Maxim Integrated Products MAX1271AENG Datasheet HTML 10Page - Maxim Integrated Products MAX1271AENG Datasheet HTML 11Page - Maxim Integrated Products MAX1271AENG Datasheet HTML 12Page - Maxim Integrated Products MAX1271AENG Datasheet HTML 13Page - Maxim Integrated Products MAX1271AENG Datasheet HTML 14Page - Maxim Integrated Products MAX1271AENG Datasheet HTML 15Page - Maxim Integrated Products MAX1271AENG Datasheet HTML 16Page - Maxim Integrated Products MAX1271AENG Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
______________________________________________________________________________________
13
Internal Clock Mode (PD1 = 0, PD0 = 0)
In internal clock mode, the MAX1270/MAX1271 gener-
ate their conversion clock internally. This frees the
microprocessor from the burden of running the acquisi-
tion and the SAR conversion clock, and allows the con-
version results to be read back at the processor’s
convenience, at any clock rate from 0 to typically
10MHz.
SSTRB goes low after the falling edge of the last bit
(PD0) of the control byte has been shifted in, and
returns high when the conversion is complete.
Acquisition is completed and conversion begins on the
falling edge of the 4th internal clock pulse after the con-
trol byte; conversion ends on the falling edge of the
16th internal clock pulse (12 internal clock cycle pulses
are used for conversion). SSTRB will remain low for a
maximum of 15µs, during which time SCLK should
remain low for best noise performance. An internal reg-
ister stores data while the conversion is in progress.
The MSB of the result byte (D11) is present at DOUT
starting at the falling edge of the last internal clock of
conversion. Successive falling edges of SCLK will shift
the remaining data out of this register (Figure 9).
Additional SCLK edges will result in zeros on DOUT.
When internal clock mode is selected, SSTRB does not
go into a high-impedance state when CS goes high.
Pulling CS high prevents data from being clocked in
and tri-states DOUT, but does not adversely affect a
tSDV
tSSTRB
SCLK 12
tSTR
SSTRB
SCLK
CS
tSSTRB
HIGH-Z
HIGH-Z
Figure 7. External Clock Mode—SSTRB Detailed Timing
CS
SCLK
DIN
DOUT
A/D STATE
13
19
24
26
31
32
14
16
37
START SEL2 SEL1 SEL0
BIP
RNG
PD1 PD0
D11 D10
D9
D7
D8
D6
D5
D4
D2
D3
D1
D0
LSB
8
1
MSB
LSB
MSB
START SEL2 SEL1 SEL0
BIP
RNG
PD1 PD0
START SEL2
CONTROL BYTE 0
RESULT
CONTROL BYTE 1
CONTROL BYTE 2
18 SCLK
18 SCLK
SSTRB
D10
D11
D9
D8
D6
D7
D5
RESULT 1
ACQUISITION
6 SCLK
CONVERSION
12 SCLK
ACQUISITION
6 SCLK
CONVERSION
12 SCLK
HIGH-Z
HIGH-Z
Figure 8. External Clock Mode—18 Clocks/Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com