Electronic Components Datasheet Search
  English  ▼

X  

MAX1271BENG Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1271BENG
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1271BENG Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1271BENG Datasheet HTML 12Page - Maxim Integrated Products MAX1271BENG Datasheet HTML 13Page - Maxim Integrated Products MAX1271BENG Datasheet HTML 14Page - Maxim Integrated Products MAX1271BENG Datasheet HTML 15Page - Maxim Integrated Products MAX1271BENG Datasheet HTML 16Page - Maxim Integrated Products MAX1271BENG Datasheet HTML 17Page - Maxim Integrated Products MAX1271BENG Datasheet HTML 18Page - Maxim Integrated Products MAX1271BENG Datasheet HTML 19Page - Maxim Integrated Products MAX1271BENG Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
18
______________________________________________________________________________________
Ordering Information (continued)
Pin Configurations
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
N.C.
REF
N.C.
REFADJ
DGND
N.C.
DGND
VDD
CH7
CH6
CH5
CH4
SSTRB
DIN
CS
SCLK
16
15
14
13
9
10
11
12
CH3
CH2
CH1
CH0
AGND
SHDN
DOUT
N.C.
PDIP
MAX1270
MAX1271
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
N.C.
REF
REFADJ
N.C.
N.C.
CH7
CH0
N.C.
CH6
CH5
CH4
CH3
CH2
CH1
AGND
SHDN
DOUT
N.C.
SSTRB
DIN
N.C.
N.C.
CS
SCLK
N.C.
DGND
DGND
VDD
SSOP
TOP VIEW
MAX1270
MAX1271
Chip Information
TRANSISTOR COUNT: 4219
SUBSTRATE CONNECTED TO AGND
PART
TEMP RANGE
PIN-PACKAGE
INL
(LSB)
MAX1270AENG
-40°C to +85°C
24 Narrow PDIP
±0.5
MAX1270BENG
-40°C to +85°C
24 Narrow PDIP
±1
MAX1270AEAI
-40°C to +85°C
28 SSOP
±0.5
MAX1270BEAI
-40°C to +85°C
28 SSOP
±1
MAX1271ACNG
0°C to +70°C
24 Narrow PDIP
±0.5
MAX1271BCNG
0°C to +70°C
24 Narrow PDIP
±1
MAX1271ACAI
0°C to +70°C
28 SSOP
±0.5
MAX1271BCAI
0°C to +70°C
28 SSOP
±1
MAX1271AENG
-40°C to +85°C
24 Narrow PDIP
±0.5
MAX1271BENG
-40°C to +85°C
24 Narrow PDIP
±1
MAX1271AEAI
-40°C to +85°C
28 SSOP
±0.5
MAX1271BEAI
-40°C to +85°C
28 SSOP
±1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com