Electronic Components Datasheet Search
  English  ▼

X  

MAX128 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX128
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX128 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX128 Datasheet HTML 1Page - Maxim Integrated Products MAX128 Datasheet HTML 2Page - Maxim Integrated Products MAX128 Datasheet HTML 3Page - Maxim Integrated Products MAX128 Datasheet HTML 4Page - Maxim Integrated Products MAX128 Datasheet HTML 5Page - Maxim Integrated Products MAX128 Datasheet HTML 6Page - Maxim Integrated Products MAX128 Datasheet HTML 7Page - Maxim Integrated Products MAX128 Datasheet HTML 8Page - Maxim Integrated Products MAX128 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND............................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
CH0–CH7 to AGND ......................................................... ±16.5V
REF to AGND..............................................-0.3V to (VDD + 0.3V)
REFADJ to AGND.......................................-0.3V to (VDD + 0.3V)
A0, A1, A2 to DGND...................................-0.3V to (VDD + 0.3V)
SHDN, SCL, SDA to DGND ......................................-0.3V to +6V
Max Current into Any Pin ....................................................50mA
Continuous Power Dissipation (TA = +70°C)
24-Pin Narrow DIP (derate 13.33mW/°C above +70°C)..1067mW
28-Pin SSOP (derate 9.52mW/°C above +70°C) ...............762mW
Operating Temperature Ranges
MAX127_ C_ _/MAX128_ C_ _ .............................0°C to +70°C
MAX127_ E_ _/MAX128_ E_ _ ..........................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10sec) ............................+300°C
MAX127A/MAX128A
4kHz, VIN = ±5V (Note 3)
Up to the 5th harmonic
Bipolar
MAX127B/MAX128B
Unipolar
CONDITIONS
10
Aperture Jitter
ns
200
Aperture Delay
dB
-86
Channel-to-Channel Crosstalk
dB
81
SFDR
Spurious-Free Dynamic Range
dB
-87
-80
THD
Total Harmonic Distortion
dB
70
LSB
±1/2
INL
Integral Nonlinearity
Bits
12
Resolution
±0.3
LSB
±0.1
Channel-to-Channel Offset
Error Matching
±10
±5
±1
LSB
±1
DNL
Differential Nonlinearity
LSB
±3
Offset Error
±5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Bipolar
Unipolar
5
ppm/°C
3
Gain Tempco (Note 2)
±10
±7
LSB
±7
Gain Error (Note 2)
±10
SINAD
Signal-to-Noise plus Distortion
Ratio
ns
Bipolar
Unipolar
Bipolar
MAX127B/MAX128B
MAX127B/MAX128B
Unipolar
MAX127B/MAX128B
MAX127B/MAX128B
MAX127A/MAX128A
MAX127A/MAX128A
MAX127A/MAX128A
MAX127A/MAX128A
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF; external clock, fCLK = 400kHz;
TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
DYNAMIC SPECIFICATIONS (800Hz sine-wave input, ±10Vp-p (MAX127) or ±4.096Vp-p (MAX128), fSAMPLE = 8ksps)
DC, VIN = ±16.5V
-96
ACCURACY (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com