Electronic Components Datasheet Search
  English  ▼

X  

SREL Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # SREL
Description  For high density mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SREL Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  SREL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SREL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SREL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SREL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 7a
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SREL Series
(Low Impedance, 3000 hours)
RoHS
PERMISSBLE REFLOW CONDITION
AIR REFLOW AND IR REFLOW
Preheat: Within 120sec., 190°C or less.
Soldering Time: Within 50 sec., 230°C
Peak Temperature: Less than 250°C, within 10 sec.
Possible Reflow Cycle: 2 Cycles
The final test values should be as following:
(A) Capacitance change:
≦ ±10% of initial value
(B) Dissipation factor:
≦ initial specified value
(C) Leakage current:
≦ initial specified value
(D) Visual: No damage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com