Electronic Components Datasheet Search
  English  ▼

X  

NJM2143 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2143
Description  SINGLE-SUPLLY DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2143 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2143 Datasheet HTML 1Page - New Japan Radio NJM2143 Datasheet HTML 2Page - New Japan Radio NJM2143 Datasheet HTML 3Page - New Japan Radio NJM2143 Datasheet HTML 4Page - New Japan Radio NJM2143 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NJM2143
- 2 -
Ver.2003-03-17
■ ABSOLUTE MAXIMUM RATINGS
( Ta=25˚C )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+(V+/V-)
20 ( ± 10 )
V
Differential Input Voltage
VID
20
V
Input Voltage
VIC
-0.3~+20 ( note1 )
V
Power Dissipation
PD
320
mW
Operating Temperature Range
Topr
-40~+85
˚C
Storage Temperature Range
Tstg
-50~+125
˚C
( note1 ) When input voltage is less than +20V, the absolute maximum control voltage is equal to the input voltage.
■ ELECTRICAL CHARACTERISTICS
( V+=5.0V,Ta=25˚C )
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
RS=0Ω
-
2
7
mV
Input Offset Current
IIO
-
5
50
nA
Input Bias Current
IB
-
25
250
nA
Large Signal Voltage Gain
AV
RL≥2kΩ
-
100
-
dB
Maximum Output Voltage Swings
VOM1
RL=2kΩ
3.5
-
-
VP-P
Input Common Mode Voltage Range
VICM
0~3.5
-
-
V
Common Mode Rejection Ratio
CMRR
-
85
-
dB
Supply Voltage Rejection Ratio
PSRR
-
100
-
dB
Output Source Current
ISOURCE
VIN
+=1V,VIN-=0V
20
30
-
mA
Output Sink Current
ISINK
VIN
+=0V,VIN-=1V
8
20
-
mA
Channel Separation
CS
-
120
-
dB
Operating Current
ICC
-
0.7
1.2
mA
Slew Rate
SR
-
0.5
-
V/µs
Gain Bandwidth Product
GB
-
0.6
-
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com