Electronic Components Datasheet Search
  English  ▼

X  

ST60 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ST60
Description  Power Module for PCB Mountable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST60 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ST60 Datasheet HTML 1Page - Arch Electronics Corp. ST60 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VER : PA_2
update : 2015.08.18
Encapsulated DC-DC Converter
ST60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
ST60-48F-12S
ST60-48F-15S
ST60-48F-24S
Max Output Wattage (W)
60W
Input
Voltage (with Derating)
48V (18-72V)
Voltage (V.DC.)
12
15
24
Trim Voltage Range
10%
Voltage Accuracy
2%
Current (mA) max
5000
4000
2500
Line Regulation (LL-HL) (typ.)
0.5%
Load Regulation (10-100%) (typ.)
1%
Capacitor Load (max) (at 48 Vin)
1000uF
680uF
150uF
Ripple & Noise
(Note 1)
1% of Vout
Efficiency
91%
90%
90%
Output
Switching Frequency
200KHz
Over Power Protection
Auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Auto-recovery
Voltage
1600 VDC.
Resistance
108 ohms
Isolation
Capacitance
2200 pF
Operating Temperature
-40°C…+85°C (with derating)
Storage Temperature
-50°C…+105°C
Case Temperature
+105°C max.
Temperature Coefficient
±0.05%/°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.08 x 1.08 x 0.55 Inches ( 52.8 x 27.4 x 14.0 mm ) Tolerance
0.5 mm
Case Material
Six-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
Pending
Physical
Cooling Method
Free-air convection
Safety
Agency Approvals
CE, UL, cUL
(Pending)
EMI
(Note 3)
(Conducted & Radiated Emission)
EN 55022 class A
(Pending)
EMC
EMS (Noise Immunity)
EN 55024
(Pending)
KEY FEATURES
 Power Module for PCB Mountable
 Smaller Size
 4:1 Wide Input Range
 Regulated Output
 High Efficiency
 Operating Temperature: -40°C…+85°C (with derating)
 Remote ON/OFF Control
 3-Year Product Warranty


Similar Part No. - ST60

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ST60 ARCH-ST60 Datasheet
406Kb / 4P
Encapsulated D C - D C C o n v e r te r
logo
STMicroelectronics
ST60 STMICROELECTRONICS-ST60 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
logo
Hirose Electric
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
Interface Connectors for Miniature, Portable Terminal Devices
ST60-18P HIROSE-ST60-18P Datasheet
862Kb / 10P
Interface Connectors for Miniature, Portable Terminal Devices
ST60-18P/4 HIROSE-ST60-18P/4 Datasheet
862Kb / 10P
Interface Connectors for Miniature, Portable Terminal Devices
More results

Similar Description - ST60

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SB03 ARCH-SB03_16 Datasheet
152Kb / 2P
Power Module for PCB Mountable
SB05 ARCH-SB05_16 Datasheet
152Kb / 2P
Power Module for PCB Mountable
SB08 ARCH-SB08_16 Datasheet
149Kb / 3P
Power Module for PCB Mountable
SH08 ARCH-SH08_16 Datasheet
198Kb / 3P
Power Module for PCB Mountable
SH10 ARCH-SH10_16 Datasheet
200Kb / 3P
Power Module for PCB Mountable
SK30 ARCH-SK30_16 Datasheet
267Kb / 3P
Power Module for PCB Mountable
ST10 ARCH-ST10_16 Datasheet
205Kb / 4P
Power Module for PCB Mountable
ST15 ARCH-ST15_16 Datasheet
291Kb / 4P
Power Module for PCB Mountable
ST20 ARCH-ST20_16 Datasheet
194Kb / 3P
Power Module for PCB Mountable
ST30 ARCH-ST30_16 Datasheet
222Kb / 4P
Power Module for PCB Mountable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com