Electronic Components Datasheet Search
  English  ▼

X  

IRLML2402PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLML2402PBF
Description  ULTRA LOW ON RESISFANCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2402PBF Datasheet(HTML) 2 Page - International Rectifier

  IRLML2402PBF Datasheet HTML 1Page - International Rectifier IRLML2402PBF Datasheet HTML 2Page - International Rectifier IRLML2402PBF Datasheet HTML 3Page - International Rectifier IRLML2402PBF Datasheet HTML 4Page - International Rectifier IRLML2402PBF Datasheet HTML 5Page - International Rectifier IRLML2402PBF Datasheet HTML 6Page - International Rectifier IRLML2402PBF Datasheet HTML 7Page - International Rectifier IRLML2402PBF Datasheet HTML 8Page - International Rectifier IRLML2402PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 24, 2014
IRLML2402PbF
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
––– –––
V
VGS = 0V, ID = 250µA
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
––– 0.024 ––– V/°C Reference to 25°C, ID = 1mA
––– ––– 0.25
VGS = 4.5V, ID = 0.93A ƒ
––– ––– 0.35
VGS = 2.7V, ID = 0.47A ƒ
VGS(th)
Gate Threshold Voltage
0.70 ––– –––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
1.3 ––– –––
S
VDS = 10V, ID = 0.47A
––– ––– 1.0
VDS = 16V, VGS = 0V
––– –––
25
VDS = 16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 12V
Qg
Total Gate Charge
––– 2.6
3.9
ID = 0.93A
Qgs
Gate-to-Source Charge
––– 0.41 0.62
nC
VDS = 16V
Qgd
Gate-to-Drain ("Miller") Charge
––– 1.1
1.7
VGS = 4.5V, See Fig. 6 and 9 ƒ
td(on)
Turn-On Delay Time
––– 2.5 –––
VDD = 10V
tr
Rise Time
––– 9.5 –––
ID = 0.93A
td(off)
Turn-Off Delay Time
––– 9.7 –––
RG = 6.2Ω
tf
Fall Time
––– 4.8 –––
RD = 11Ω, See Fig. 10 ƒ
Ciss
Input Capacitance
––– 110 –––
VGS = 0V
Coss
Output Capacitance
–––
51
–––
pF
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
25
–––
ƒ = 1.0MHz, See Fig. 5
Ω
µA
nA
ns
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.2
V
TJ = 25°C, IS = 0.93A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
25
38
ns
TJ = 25°C, IF = 0.93A
Qrr
Reverse RecoveryCharge
–––
16
24
nC
di/dt = 100A/µs ƒ
Source-Drain Ratings and Characteristics
A
––– –––
7.4
––– ––– 0.54
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ 0.93A, di/dt ≤ 90A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 5sec.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com