Electronic Components Datasheet Search
  English  ▼

X  

NFSL385A Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NFSL385A
Description  Built-in ESD Protection Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL385A Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NFSL385A Datasheet HTML 5Page - NICHIA CORPORATION NFSL385A Datasheet HTML 6Page - NICHIA CORPORATION NFSL385A Datasheet HTML 7Page - NICHIA CORPORATION NFSL385A Datasheet HTML 8Page - NICHIA CORPORATION NFSL385A Datasheet HTML 9Page - NICHIA CORPORATION NFSL385A Datasheet HTML 10Page - NICHIA CORPORATION NFSL385A Datasheet HTML 11Page - NICHIA CORPORATION NFSL385A Datasheet HTML 12Page - NICHIA CORPORATION NFSL385A Datasheet HTML 13Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
NICHIA STS-DA1-2853F <Cat.No.150622>
8
SOLDERING
• Recommended Reflow Soldering Condition(Lead-free Solder)
120sec Max
Pre-heat
180 to 200°C
260°CMax
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec
● Recommended Soldering Pad Pattern
● Recommended Metal Solder Stencil Aperture
Die Heat Sink and the cathode should be soldered to a PCB.
* This LED is designed to be reflow soldered on to a PCB. If dip soldered or hand soldered,
Nichia cannot guarantee its reliability.
* Reflow soldering must not be performed more than twice.
* Avoid rapid cooling. Ramp down the temperature gradually from the peak temperature.
* Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical degradation,
caused by heat and/or atmosphere.
* Since the silicone used in the encapsulating resin is soft, do not press on the encapsulant resin.
Pressure can cause nicks, chip-outs, encapsulant delamination and deformation, and wire breaks, decreasing reliability.
When using automatic pick and place machine, use a pick up nozzle which does not directly apply stress
to the encapsulation of the LEDs.
Recommended conditions:
Using a nozzle designed for the LEDs is recommended. (See Figure below)
* The nozzle must not have any direct contact with the encapsulating resin.
Direct contact with the encapsulating resin may result in internal disconnections causing the LED not to illuminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com