Electronic Components Datasheet Search
  English  ▼

X  

MAX1561ETA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1561ETA
Description  High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1561ETA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1561ETA Datasheet HTML 1Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 2Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 3Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 4Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 5Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 6Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 7Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 8Page - Maxim Integrated Products MAX1561ETA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
High-Efficiency, 26V Step-Up Converters
for Two to Six White LEDs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3V, VOUT = 20V, COUT = 0.1µF, CCOMP = 0.15µF, RSENSE = 7.5
Ω, VCTRL = 1.5V, Figure 1, TA = 0°C to +85°C, unless other-
wise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +6V
PGND to GND .......................................................-0.3V to +0.3V
LX, OUT to GND .....................................................-0.3V to +30V
CTRL to GND...................-0.3V to the lower of +6V or (VIN + 2V)
COMP, CS to GND.........................................-0.3 to (VIN + 0.3V)
ILX.............................................................................................1A
Continuous Power Dissipation (TA = +70°C)
3mm x 3mm 8-Pin TDFN
(derate 24.4mW/°C above +70°C) .............................1950mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.6
5.5
V
UVLO Threshold
VIN rising or falling
2.10
2.38
2.55
V
UVLO Hysteresis
40
mV
Quiescent Current
No switching
0.38
0.55
mA
TA = +25
°C
0.3
2
Shutdown Supply Current
CTRL = GND, VOUT = VIN
TA = +85
°C1
µA
OVLO Threshold
VOUT rising
26
27
29
V
OVLO Hysteresis
2V
VOUT = 26V, VCTRL > 0.24V
10
20
30
OUT Input Bias Current
VOUT = VIN, CTRL = GND
0.01
1
µA
Output Voltage Range
(Note 1)
(VIN - VD1)
25.5
V
ERROR AMPLIFIER
CTRL to CS Regulation
VCTRL = 1V, VIN = 2.6V to 5.5V
0.095
0.100
0.105
V
TA = +25
°C
0.01
1
CS Input Bias Current
VCS = VCTRL/10
TA = +85
°C
0.03
µA
CTRL Input Resistance
VCTRL
≤ 1.0V
290
500
780
k
Ω
CTRL Dual-Mode Threshold
100
170
240
mV
CTRL Dual-Mode Hysteresis
5mV
MAX1561
6.5
8.2
10.5
CTRL Shutdown Enable Delay
(Note 2)
MAX1599
13.6
16.4
21.0
ms
CS-to-COMP Transconductance
VCOMP = 1.0V
32
50
82
µS
OSCILLATOR
MAX1561
0.80
1.0
1.25
Operating Frequency
MAX1599
0.4
0.5
0.6
MHz
PWM mode
12
Minimum Duty Cycle
Pulse skipping
0
%
Maximum Duty Cycle
CTRL = IN, CS = GND
91
94
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com