Electronic Components Datasheet Search
  English  ▼

X  

MAX1562ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1562ESA
Description  Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1562ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1562ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1562ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1562ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1562ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1562ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1562ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1562ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1562ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1562ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Programmable 4A USB Current-Limited
Switches with Autoreset and Fault Blanking
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +5V, CIN = 1µF, COUT = 4.7µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, ON, ON, ISET, SEL, OUT to GND .......................-0.3V to +6V
FAULT to GND.............................................-0.3V to (VIN + 0.3V)
IN to OUT..................................................................-0.3V to +6V
OUT Maximum Continuous Switch Current ............................5A
FAULT DC Current ..............................................................10mA
Continuous Power Dissipation
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
12-Pin QFN (4mm x 4mm)
(derate 16.9mW/°C above +70°C) .............................1350mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
4.0
5.5
V
Switch On-Resistance
RON
26
50
m
Ω
Standby Supply Current
Switch disabled
3
10
µA
Quiescent Supply Current
IIN
Switch enabled, IOUT = 0
40
80
µA
OUT Off-Leakage Current
ILKG
Switch disabled, VOUT = 0
0.02
10
µA
Undervoltage-Lockout Threshold
VUVLO
Rising edge, 3% hysteresis
2.9
3.4
3.8
V
MAX1563
1
4
Continuous Current-Limit Adjust
Range
MAX1562/MAX1562H
1
3
A
RISET = 4.22k
Ω (MAX1563 only)
3.2
4
4.8
RISET = 5.76k
Ω
2.4
3
3.6
RISET = 8k
Ω
1.7
2.1
2.6
Continuous Current Limit
ILIM
VIN - VOUT
= 0.5V
RISET = 12k
Ω
1.1
1.4
1.7
A
4.9
A(peak)
RISET = 4.22k
Ω (MAX1563 only)
1.6
A(RMS)
2.5
3.6
4.7
A(peak)
RISET = 5.76k
Ω
1.4
A(RMS)
1.2
1.7
2.3
A(peak)
Short-Circuit Current Limit
ILIM
VOUT = 0,
IOUT pulsing
RISET = 12k
Ω
0.4
A(RMS)
Short-Circuit Detect Threshold
(Note 1)
1
V
Continuous Current-Limit
Blanking Timeout Period
From continuous current-limit condition to
FAULT asserted
10
20
35
ms
Short-Circuit Blanking Timeout
Period
From short-circuit current-limit condition to
FAULT asserted
7.5
18
35
ms
Turn-On Delay
tON
ROUT = 2
Ω, COUT = 4.7µF
(from ON to 10% of VOUT)
0.5
1.2
4.0
ms
Output Rise Time
tRISE
ROUT = 2
Ω, COUT = 4.7µF
(from 10% to 90% of VOUT)
2.5
ms
Turn-Off Delay
tOFF
ROUT = 2
Ω, COUT = 4.7µF
(from ON to 90% of VOUT)
0.1
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com