Electronic Components Datasheet Search
  English  ▼

X  

MAX158 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX158
Description  High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX158 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX158 Datasheet HTML 1Page - Maxim Integrated Products MAX158 Datasheet HTML 2Page - Maxim Integrated Products MAX158 Datasheet HTML 3Page - Maxim Integrated Products MAX158 Datasheet HTML 4Page - Maxim Integrated Products MAX158 Datasheet HTML 5Page - Maxim Integrated Products MAX158 Datasheet HTML 6Page - Maxim Integrated Products MAX158 Datasheet HTML 7Page - Maxim Integrated Products MAX158 Datasheet HTML 8Page - Maxim Integrated Products MAX158 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
High-Efficiency, 26V Step-Up Converter
for White LED Main and Subdisplay Backlighting
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VV+ = +3.0V, VOUT1 = 20V, L1 = 22µH, COUT = 0.1µF, CCOMP = 0.022µF, RSENSE = 7.5
Ω, VCTRL = +1.5V, EN1 = EN2 = V+, TA =
0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+, VP, CTRL to GND............................................-0.3V to +6.0V
PGND to GND .......................................................-0.3V to +0.3V
LX, OUT1 to GND ...................................................-0.3V to +30V
OUT2 to GND .........................................................-0.3V to +14V
COMP, CS, EN1, EN2 to GND ....................-0.3V to (VV+ + 0.3V)
ILX ....................................................................................................1ARMS
Continuous Power Dissipation (TA = +70
°C)
12-Pin Thin QFN (derate 16.9mW/
°C above +70°C) ....1349mW
16-Pin UCSP (derate 6.5mW/
°C above +70°C)..............518mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.6
5.5
V
Undervoltage Lockout (UVLO)
Threshold
V+ rising or falling
2.10
2.38
2.55
V
UVLO Hysteresis
40
mV
Quiescent Current
No switching, VCTRL = VCS = +0.25V
0.40
0.56
mA
TA = +25
°C0.01
1
Shutdown Supply Current
EN1 = EN2 = GND, OUT1 = V+
TA = +85
°C0.1
µA
Overvoltage Lockout (OVLO)
Threshold
26
27
29
V
OVLO Hysteresis
2V
VOUT1 = +26V, EN1 = EN2 = V+
20
40
65
TA = +25
°C0.01
1
OUT1 Input Bias Current
OUT1 = V+, EN1 = EN2 = GND
TA = +85
°C0.05
µA
Output Voltage Range
(Note 2)
(VV+ -
VDIODE)
25.5
V
ERROR AMPLIFIER
CTRL to CS Regulation
VCTRL = +1.0V, VV+ = +2.6V to +5.5V
0.095
0.100
0.106
V
TA = +25
°C0.01
1
CS Input Bias Current
VCS = VCTRL / 10
TA = +85
°C1
µA
CTRL Input Resistance
0 < VCTRL < +1V
290
500
780
k
Ω
CS to COMP Transconductance
VCOMP = +1.0V
32
50
82
µS
OSCILLATOR
Operating Frequency
0.80
1.0
1.25
MHz
PWM mode
12
Minimum Duty Cycle
Pulse skipping
0
%
Maximum Duty Cycle
CTRL = V+, CS = GND
91
94
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com