Electronic Components Datasheet Search
  English  ▼

X  

ACFF-1024 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFF-1024
Description  ISM Bandpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFF-1024 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACFF-1024 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFF-1024 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ACFF-1024 Performance at Low Temperature
Typical performance of the ACFF-1024 at low temperature is shown in Figure 13 and Figure 14 for Tc = 25 °C and –40 °C.
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
2400 2410 2420 2430 2440 2450 2460 2470 2480
Frequency (MHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
2350
2400
2450
2500
2550
Frequency (MHz)
Tc = –40 °C
Tc = +25 °C
Tc = –40 °C
Tc = +25 °C
Figure 13. Insertion Loss, 2400 – 2482 MHz, +25
°C and –40 °C
Figure 14. Attenuation, 2350 – 2550 MHz, +25
°C and –40 °C
Figure 15. Package Outline Drawing and Marking
Pin Connections:
1
Port 1 (TX/RX)
2, 3, 5 GND
4
Port 2 (ANT)
PIN 1 MARK
ANT
(4)
TX/RX
(1)
GND
(3)
GND
(2)
GND
(5)
(1)
(5)
(4)
(3)
1.40
(1.48 MAX)
0.69
(0.80 MAX)
1.10
(1.18 MAX)
0.500
0.575
0.500
0.288
0.075
0.100
PAD DETAIL
0.325
0.250
(2)
Notes:
1. Dimensions in millimeters
2. Tolerance: X.XX ± 0.05
X.XXX ± 0.025
3. Dimensions nominal unless otherwise noted
4. Contact areas are gold plated
5. Package marking:
A = Avago logo
B = ACFF-1024
Y = Year (last digit)
W = Work Week
XXXX = Lot number
XXXX
BYW
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Note: These data are measured on units different from those in previous performance graphs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com