Electronic Components Datasheet Search
  English  ▼

X  

ACFM-2013 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-2013
Description  Single antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-2013 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-2013 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-2013 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the
United States and other countries. All other brand and product names may be trademarks of
their respective companies.
Data subject to change. Copyright © 2015 Avago Technologies. All Rights Reserved.
AV02-4908EN – 2015-05-01
Package Dimensions and Marking Specification
Pin Description
Pin
Connection
1Band 1 Rx
4Band 3 Rx
8Band 1 Tx
11
Band 3 Tx
13
Ant
2, 3, 5, 6, 7, 9, 10, 12, 14, 15
GND
1.600 x 0.750
0.25 X 45° CHAMFER
0.400 X 0.250 (14X)
0.500
1.500
0.750
3.000
1.500
(REF)
0.750
(REF)
0.750
±0.05
2.000
±0.075
ANT
B3 RX
3.600
±0.075
B3 TX
B1 TX
B1 RX
PIN 1
MARK
OXIDE LAYER OVER
GROUND METAL
(SEE NOTES)
1
14
13
12
11
10
9
87
15
2
3
4
5
6
MFIYWW
DDXXXX
VAGO
Notes:
1. Dimensions in millimeters
2. Tolerance, unless otherwise noted:
X.XX ± 0.05 mm
X.XXX ± 0.025 mm
3. Dimensions nominal unless otherwise noted
4. Angles 45° nominal
5. Contact areas are gold plated
6. Ground pads on bottom metal are solder mask
defined by means of a thin (< 1μm) oxide layer
TOP VIEW
BOTTOM VIEW
SIDE VIEW
Package Marking Code:
AVAGO = Avago Technologies, Inc.
M = ACFM-2013
F = Avago FBAR Technology
I = Assembly Information
Y = Year
WW = Work Week
DD = Date Code
XXXX = Assembly Lot



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com