Electronic Components Datasheet Search
  English  ▼

X  

ACFM-2021 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-2021
Description  PCB footprint
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-2021 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-2021 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-2021 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-2021 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Avago Technologies
- 2 -
ACFM-2021
Product Brief
Package Dimensions and Marking Specification
Package Dimensions and Marking Specification
0.450
0.300
PAD 1-8 DETAIL
0.025 X 45°
(4X)
Unless Otherwise Specified:
1. Dimensions in millimeters
2. Dimensions are nominal
3. Tolerance:
X.XX ± 0.05 mm
X.XXX ± 0.025 mm
4. Angles 45°
5. Contact areas are gold plated
GND
1.800
±0.050
0.80
Max
GND
1.400
±0.050
1.650
TOP VIEW
BOTTOM VIEW
SIDE VIEW
GND
B1/4 RX
(Pin 1)
GND
GND
B25 RX
(Pin 7)
ANT
(Pin 4)
(GND)
0.825
CENTER PAD 9 DETAIL
(4)
(9)
(6)
(7)
(8)
(1)
(2)
(3)
(5)
0.075 ±0.050
ALL AROUND
PIN 1
MARK
0.10 X 45°
(ALIGNED TO PIN 1)
LYW
XXXX
Package Marking:
“A” = Avago Technologies
L = ACFM-2021
Y = Year, last digit
W = Work Week (Refer to Appendix A)
XXXX = Lot Number



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com