Electronic Components Datasheet Search
  English  ▼

X  

ACFM-7110 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7110
Description  PCS/Cellular Band Quadplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7110 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7110 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ACFM-7110 Electrical Specifications, Z0 = 50
Ω, TC[1,2]as indicated
Symbol
Parameter
Units
-20° C
+25° C
+85° C
Min
Max
Min
Typ [3]
Max
Min
Max
Cellular Duplexer Performance
Antenna Port to Cellular Receive Port
S41
Insertion Loss in Rx Band
(869–894 MHz)
dB
3.6
1.9
3.5
3.6
S41
Insertion Loss Ripple (p-p) in Rx Band
(869 – 894 MHz)
dB
1.0
1.5
S41
Attenuation in Tx Band
(824 – 849 MHz)
dB
50
50
66
50
S41
Attenuation, 0 – 804 MHz
dB
25
25
25
S41
Attenuation in Tx 2nd harmonic Band
(1648 – 1698 MHz)
dB
30
30
30
S41
Attenuation in Tx 3rd harmonic Band
(2472 – 2547 MHz)
dB
19
19
19
S44
Return Loss (SWR) of Rx Port in Rx Band
(869 – 894 MHz)
dB
8
(2.3)
8
15 (1.4)
(2.3)
8
(2.3)
S11
Return Loss (SWR) of Ant Port in Rx Band
(869 – 894 MHz)
dB
8
(2.3)
8
18 (1.3)
(2.3)
8
(2.3)
Cellular Transmit Port to Antenna Port
S15
Insertion Loss in Tx Band
(824 – 849 MHz)
dB
2.9
1.6
2.8
2.9
S15
Insertion Loss Ripple (p-p) in Tx Band
(824 – 849 MHz)
dB
0.8
1.5
S15
Attenuation in Rx Band
(869 – 894 MHz)
dB
40
40
56
40
S15
Attenuation, 0 – 804 MHz
dB
20
20
20
S15
Attenuation in GPS Band
(1574.4 – 1576.4 MHz)
dB
30
30
30
S15
Attenuation in Tx 2nd harmonic Band
(1648 – 1698 MHz)
dB
20
20
20
S15
Attenuation in Tx 3rd harmonic Band
(2472 – 2547 MHz)
dB
8
8
8
S55
Return Loss (SWR) of Tx Port in Tx Band
(824 – 849 MHz)
dB
9
(2.1)
9
16 (1.4)
(2.1)
9
(2.1)
S11
Return Loss (SWR) of Ant port in Tx Band
(824 – 849 MHz)
dB
9
(2.1)
9
22 (1.2)
(2.1)
9
(2.1)
Isolation, Cellular Transmit Port to Cellular Receive Port
S45
Isolation, Tx to Rx port in Rx Band
(869 – 894 MHz)
dB
45
45
59
45
S45
Isolation, Tx to Rx port in Tx Band
(824 – 849 MHz)
dB
55
55
64
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com