Electronic Components Datasheet Search
  English  ▼

X  

ACFM-7325 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7325
Description  Band Class 10 Cellular Band Quadplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7325 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7325 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
ACFM-7325 Electrical Specifications, Z0 = 50
:, TC[1][2][4] as indicated
Band 10 Class (Cell) Duplexer Performance
Symbol
Parameter
-10° C
+25° C
+85° C
Units
Min
Max
Min
Typ [3]
Max
Min
Max
Antenna Port to Cellular Receive Port
S51
Insertion Loss in Rx band
(862 – 894 MHz)
dB
3.6
1.5
3.6
3.6
S51
Attenuation in Transmit Band
(817 – 849 MHz)
dB
49
49
66
49
S51
Attenuation, 0 – 772 MHz
dB
25
25
36
25
S51
Attenuation, 772 – 804 MHz
dB
30
30
47
30
S51
Attenuation, 1679 – 1743 MHz
dB
30
30
63
30
S51
Attenuation in Bluetooth Band
(2400 – 2500 MHz)
dB
20
20
67
20
S51
Attenuation, 2496 – 2592 MHz
dB
20
20
48
20
S55
Return Loss (SWR) of Rx Port in Rx Band
(862 – 894 MHz)
dB
8
(2.3)
8
14
(1.5)
(2.3)
8
(2.3)
S11
Return Loss (SWR) of Ant Port in Rx Band
(862 – 894 MHz)
dB
8
(2.3)
8
15
(1.4)
(2.3)
8
(2.3)
Cellular Transmit Port to Antenna Port
S14
Insertion Loss in Transmit Band
(817 – 849 MHz)
dB
2.9
1.3
2.9
2.9
S14
Attenuation in Receive Band
(862 – 894 MHz)
dB
40
40
57
40
S14
Attenuation, 0 – 800 MHz
dB
20
20
39
20
S14
Attenuation in GPS Band
(1574.42 – 1576.42 MHz)
dB
35
35
43
35
S14
Attenuation in Tx 2nd harmonic Band
(1634 – 1698 MHz)
dB
30
30
41
30
S14
Attenuation in Bluetooth Band
(2400 – 2500 MHz)
dB
15
15
25
15
S14
Attenuation in Tx 3rd harmonic Band
(2451 – 2547 MHz)
dB
15
15
22
15
S44
Return Loss (SWR) of Tx Port in Tx Band
(817 – 849 MHz)
dB
9
(2.1)
9
14
(1.5)
(2.1)
9
(2.1)
S11
Return Loss (SWR) of Ant Port in Tx Band
(817 – 849 MHz)
dB
9
(2.1)
9
12
(1.6)
(2.1)
9
(2.1)
Isolation, Cellular Transmit Port to Cellular Receive
Port
S54
Isolation, Tx to Rx port in Rx Band
(862–894 MHz)
dB
45
45
58
45
S54
Isolation, Tx to Rx port in Tx Band
(817 – 849 MHz)
dB
55
55
64
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com