Electronic Components Datasheet Search
  English  ▼

X  

ACPF-7141 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPF-7141
Description  Bandpass Filter for LTE Band 41
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPF-7141 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPF-7141 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPF-7141 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Electrical Specifications [1], Z0 = 50 Ω, TC[2] –20 °C to +85 °C, unless otherwise specified
Symbol
Parameter
Units
Min.
Typ. [3]
Max.
S21
Insertion Loss, Band 41
dB
2496 – 2500 MHz (+25
°C)
2496 – 2500 MHz (–20
°C to –5 °C)
2496 – 2500 MHz (–5
°C to +85 °C)
2.8
3.9
3.7
2500 – 2520 MHz (+25
°C)
2500 – 2520 MHz (–20
°C to +85 °C)
2.4
3.3
3.8
2520 – 2680 MHz (+25
°C)
2520 – 2680 MHz (–20
°C to +85 °C)
2.0
3.0
3.2
2680 – 2690 MHz (+25
°C)
2680 – 2690 MHz (–20
°C to +85 °C)
2.2
3.6
3.8
S21
Attenuation, 0 – 699 MHz
dB
35
76
S21
Attenuation, 699 – 916 MHz
dB
35
56
S21
Attenuation, 916 – 1248 MHz
dB
25
47
S21
Attenuation, 1248 – 1565 MHz
dB
25
35
S21
Attenuation, 1565 – 1615 MHz
dB
30
40
S21
Attenuation, 1615 – 1660 MHz
dB
25
34
S21
Attenuation, 1660 – 1750 MHz
dB
18
27
S21
Attenuation, 1750 – 2400 MHz
dB
12
22
S21
Attenuation, Wi-Fi 802.11 b/g/n Band [4]
2401 – 2453 MHz ( Wi-Fi Ch 1–7)
2436 – 2468 MHz ( Wi-Fi Ch 8–10)
2451 – 2473 MHz ( Wi-Fi Ch 11)
2456 – 2478 MHz ( Wi-Fi Ch 12)
2461 – 2483 MHz ( Wi-Fi Ch 13)
dB
35
35
30
—
—
45
44
44
30
18
S21
Attenuation, 2750 – 2850 MHz
dB
20
37
S21
Attenuation, 2850 – 3000 MHz
dB
18
28
S21
Attenuation, 3000 – 4992 MHz
dB
20
27
S21
Attenuation, 4992 – 5380 MHz
dB
24
32
S21
Attenuation, 5380 – 7488 MHz
dB
20
32
S21
Attenuation, 7488 – 8070 MHz
dB
20
30
S11, S22
Return Loss (SWR), 2496 –2690 MHz
dB
8
16
(1.4)
(2.3)
Notes:
1. Min./Ma.x. specifications are guaranteed at the indicated temperature, unless otherwise noted.
2. TC is the case temperature and is defined as the temperature of the underside of the filter where it makes contact with the circuit board.
3. Typical data is the average value (arithmetic mean) of the parameter over the indicated band at +25
°C.
4. Wi-Fi Channel Average Attenuation, which is obtained by averaging |S21| over the center 19 MHz of the channels and converting to dB value.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com