Electronic Components Datasheet Search
  English  ▼

X  

NJM2146 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2146
Description  VOLTAGE AND CURRENT CONTROL IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2146 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2146 Datasheet HTML 1Page - New Japan Radio NJM2146 Datasheet HTML 2Page - New Japan Radio NJM2146 Datasheet HTML 3Page - New Japan Radio NJM2146 Datasheet HTML 4Page - New Japan Radio NJM2146 Datasheet HTML 5Page - New Japan Radio NJM2146 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJM2146B
- 2/2 -
NJM2146B_databook00_01
s
ELECTRICAL CHARACTERISTICS
( V+=5V, Ta=25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNIT
Operating Current
ICC
IPC=off
−
1
3
mA
Leakage Current
IPCLEAK
V+=VPC=20V
−
−
100
µA
Saturation Voltage
VPC(SAT)
IPC=50mA
−
0.5
0.7
V
Reference Voltage
VREF
IREF=0mA
1485
1500
1515
mV
Reference Voltage
Load Regulation
∆VREF/
∆IREF
IREF=0
∼ 5mA
−
−
30
mV
[Ach]
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNIT
Input Offset Voltage
VIO
−
0.5
2
mV
Input Offset Current
IIO
−
5
50
nA
Input Bias Current
IB
−
80
250
nA
Large Signal Voltage Gain
AV
−
80
−
dB
Input Common Mode Voltage Range VICM
0 to 3
−
−
V
Common Mode Rejection Ratio
CMR
−
90
−
dB
Supply Voltage Rejection Ratio
SVR
−
80
−
dB
Slew Rate
SR
−
0.8
−
V/
µs
Gain Bandwidth Product
GB
f=10kHz
−
2
−
MHz
[Bch]
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNIT
Input Offset Voltage
VIO
−
1
6
mV
Input Offset Current
IIO
−
10
50
nA
Input Bias Current
IB
−
100
300
nA
Large Signal Voltage Gain
AV
−
80
−
dB
Input Common Mode Voltage Range VICM
1.0 to 4.4
−
−
V
Common Mode Rejection Ratio
CMR
−
90
−
dB
Supply Voltage Rejection Ratio
SVR
−
80
−
dB
Slew Rate
SR
AV=1, VIN=2.5V
±1V
−
0.5
−
V/
µs
Gain Bandwidth Product
GB
f=10kHz
−
1
−
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com