Electronic Components Datasheet Search
  English  ▼

X  

20CLQ045 Datasheet(PDF) 4 Page - International Rectifier

Part # 20CLQ045
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CLQ045 Datasheet(HTML) 4 Page - International Rectifier

  20CLQ045 Datasheet HTML 1Page - International Rectifier 20CLQ045 Datasheet HTML 2Page - International Rectifier 20CLQ045 Datasheet HTML 3Page - International Rectifier 20CLQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20CLQ045, 1N7041CCU1
4
www.irf.com
Fig. 5 - Max. Allowable Case Temperature Vs.
Average Forward Current (Per Package)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 10/2012
1E-005
0.0001
0.001
0.01
0.1
1
10
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
D = 0.4
D = 0.5
D = 0.2
D = 0.1
D = 0.3
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
0
5
10
15
20
25
Average Forward Current - I F(AV) (A)
0
20
40
60
80
100
120
140
160
RthJC (DC) = 0.83°C/W
Square Wave (D=0.50)
80% Rated VR applied
DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com