Electronic Components Datasheet Search
  English  ▼

X  

MAX1640EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1640EEE
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1640EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1640EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1640EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1640EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1640EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1640EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1640EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1640EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1640EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1640EEE Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
_______________________________________________________________________________________
7
_______________Detailed Description
The MAX1640/MAX1641 switch-mode current sources
utilize a hysteretic, current-mode, step-down pulse-
width-modulation (PWM) topology with constant off-
time. Internal comparators control the switching
mechanism. These comparators monitor the current
through a sense resistor (RSENSE) and the voltage at
TERM. When inductor current reaches the current limit
[(VCS+ - VCS-) / RSENSE], the P-channel FET turns off
and the N-channel FET synchronous rectifier turns on.
Inductor energy is delivered to the load as the current
ramps down. This ramp rate depends on RTOFF and
inductor values. When off-time expires, the P-channel
FET turns back on and the N-channel FET turns off.
Two digital inputs, D0 and D1, select between four pos-
sible current levels (Table 1). In pulse-trickle mode, the
part operates for 12.5% of the period set by RTOFF,
resulting in a lower current for pulse-trickle charging.
Figure 1 is the MAX1640/MAX1641 functional diagram.
Figure 2 shows the standard application circuits.
Charge Mode: Programming the
Output Currents
The sense resistor, RSENSE, sets two charging current
levels. Choose between these two levels by holding
D0 high, and toggling D1 either high or low (Table 1).
The fast-charge current level equals VCS / RSENSE
where VCS is the full-scale current-sense voltage of
150mV. Alternatively, calculate this current by VREF /
(13.3RSENSE). The top-off current equals VSET /
(13.3RSENSE). A resistor-divider from REF to GND pro-
grams the voltage at SET (Figure 3).
P
N
0.1
µF
4.7
µF
47
µF
0.33
µF
0.01
µF
0.1
µF
R1
RTOFF
R2
SET
REF
TOFF
D1
D0
LDOL
PDRV
NDRV
PGND
CS+
CS-
TERM
GND
CC
R3
47
µH
VOUT
BATT
1/2 IR7309
1/2 IR7309
R4
100m
Ω
LDOH
IN
MAX1641
P
N
0.1
µF
0.01
µF
4.7
µF
47
µF
0.33
µF
0.1
µF
R1
R2
SET
REF
TOFF
D1
D0
LDOL
PDRV
NDRV
PGND
CS+
CS-
R3
R4
TERM
GND
CC
47
µH
1/2 IR7309
1/2 IR7309
100m
Ω
BATT
VOUT
RTOFF
LDOH
IN
MAX1640
Figure 2a. Standard Application Circuit
Figure 2b. Standard Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com