Electronic Components Datasheet Search
  English  ▼

X  

35SCGQ030 Datasheet(PDF) 4 Page - International Rectifier

Part # 35SCGQ030
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

35SCGQ030 Datasheet(HTML) 4 Page - International Rectifier

  35SCGQ030 Datasheet HTML 1Page - International Rectifier 35SCGQ030 Datasheet HTML 2Page - International Rectifier 35SCGQ030 Datasheet HTML 3Page - International Rectifier 35SCGQ030 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
35SCGQ030
4
www.irf.com
Fig. 5 - Max. Allowable Case Temperature Vs.
Average Forward Current
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
0
10
20
30
40
50
60
Average Forward Current - I F(AV) (A)
0
20
40
60
80
100
120
140
160
180
35SCGQ030
R thJC = 0.63°C/W
DC
IRWORLDHEADQUARTERS:101N.SepulvedaBlvd., ElSegundo,California90245,USATel:(310)252-7105
IRLEOMINSTER:205CrawfordSt., Leominster,Massachusetts01453,USATel:(978)534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
.
Data and specifications subject to change without notice. 03/2014



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com